Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1314CS Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1314CS
Description  PCMCIA Switching Matrix with Built-In N-Channel VCC Switch Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1314CS Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1314CS Datasheet HTML 4Page - Linear Technology LTC1314CS Datasheet HTML 5Page - Linear Technology LTC1314CS Datasheet HTML 6Page - Linear Technology LTC1314CS Datasheet HTML 7Page - Linear Technology LTC1314CS Datasheet HTML 8Page - Linear Technology LTC1314CS Datasheet HTML 9Page - Linear Technology LTC1314CS Datasheet HTML 10Page - Linear Technology LTC1314CS Datasheet HTML 11Page - Linear Technology LTC1314CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1314/LTC1315
VDD
AVPPIN
ASHDN
BSHDN
Q1A
1/2 Si9956DY
Si9956DY
Q2A
Q2B
AVPPOUT
BVPPIN
VPP1
VPP2
VCC
LTC1315
PCMCIA
CONTROLLER
AEN0
AEN1
GND
PGND
VOUT
13V TO 20V
(MAY BE FROM
AUXILIARY WINDING)
VIN
LT1121
SHDN
5V
ADJ
AVCC0
AVCC1
ADRV5
AVCCIN
ADRV3
GND
5V
3.3V
PC CARD
SOCKET
#1
+
1
µF
1
µF
+
10
µF
+
0.1
µF
200pF
(12V)
121k
Q1B
1/2 Si9956DY
Si9956DY
Q3A
Q3B
BVPPOUT
VPP1
VPP2
VCC
1314/15 F04
BEN0
BEN1
BVCC0
BVCC1
BDRV5
BVCCIN
BDRV3
5V
3.3V
PC CARD
SOCKET
#2
+
1
µF
0.1
µF
56.2k
Figure 4. Typical Two-Socket Application Using the LTC1315 and the LT1121
APPLICATIONS INFORMATION
TYPICAL APPLICATIONS N
Single Slot Interface to CL-PD6710
VPPIN
VDD
5V
12V
FROM LT1301
VPPOUT
VPP1
VPP2
VCC
LTC1314 • TA02
LTC1314
GND
CIRRUS LOGIC
CL-PD6710
EN0
NOTE: CL-PD6710 HAS ACTIVE-LOW VCC DRIVE
EN1
VCC0
VCC1
VPP_PGM
VPP_VCC
VCC_5
VCC_3
VCCIN
DRV3
DRV5
5V
3.3V
PCMCIA
CARD SLOT
1
µF
0.1
µF
1/2 Si9956DY
OR
1/2 MMDF3N02HD
Si9956DY
OR
MMDF3N02HD
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com