Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1314CS Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1314CS
Description  PCMCIA Switching Matrix with Built-In N-Channel VCC Switch Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1314CS Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1314CS Datasheet HTML 4Page - Linear Technology LTC1314CS Datasheet HTML 5Page - Linear Technology LTC1314CS Datasheet HTML 6Page - Linear Technology LTC1314CS Datasheet HTML 7Page - Linear Technology LTC1314CS Datasheet HTML 8Page - Linear Technology LTC1314CS Datasheet HTML 9Page - Linear Technology LTC1314CS Datasheet HTML 10Page - Linear Technology LTC1314CS Datasheet HTML 11Page - Linear Technology LTC1314CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1314/LTC1315
TYPICAL APPLICATIONS N
VPPIN
VDD
GND
5V
12V
AVPPOUT
VPP1
VPP2
VCC
LTC1315
CIRRUS LOGIC
CL-PD6720
AEN0
AEN1
BEN0
BEN1
A_VPP_PGM
A_VPP_VCC
B_VPP_PGM
B_VPP_VCC
AVCC0
AVCC1
BVCC0
BVCC1
NOTE: CL-PD6720 HAS ACTIVE-LOW VCC DRIVE
A_VCC_5
A_VCC_3
B_VCC_5
B_VCC_3
AVCCIN
ADRV3
ADRV5
5V
3.3V
PCMCIA
CARD SLOT
#1
1/2 Si9956DY
Si9956DY
BVPPOUT
VPP1
VPP2
VCC
LTC1315 • TA02
BVCCIN
BDRV3
BDRV5
5V
3.3V
PCMCIA
CARD SLOT
#2
1/2 Si9956DY
Si9956DY
+
1
µF
0.1
µF
+
1
µF
0.1
µF
Dual Slot Interface to CL-PD6720
Single Slot Interface to “365” Type Controller
VPPIN
VDD
5V
12V
FROM LT1301
VPPOUT
VPP1
VPP2
VCC
LTC1314 • TA03
LTC1314
GND
“365” TYPE
CONTROLLER
EN0
EN1
VCC1
VCC0
NOTE: “365” TYPE CONTROLLERS HAVE
ACTIVE-HIGH VCC DRIVE
A_VPP_EN0
A_VPP_EN1
A_VCC_EN0
A_VCC_EN1
VCCIN
DRV3
DRV5
5V
3.3V
PCMCIA
CARD SLOT
0.1
µF
1/2 Si9956DY
OR
1/2 MMDF3N02HD
Si9956DY
OR
MMDF3N02HD
+
1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com