Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1314CS Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1314CS
Description  PCMCIA Switching Matrix with Built-In N-Channel VCC Switch Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1314CS Datasheet(HTML) 1 Page - Linear Technology

  LTC1314CS Datasheet HTML 1Page - Linear Technology LTC1314CS Datasheet HTML 2Page - Linear Technology LTC1314CS Datasheet HTML 3Page - Linear Technology LTC1314CS Datasheet HTML 4Page - Linear Technology LTC1314CS Datasheet HTML 5Page - Linear Technology LTC1314CS Datasheet HTML 6Page - Linear Technology LTC1314CS Datasheet HTML 7Page - Linear Technology LTC1314CS Datasheet HTML 8Page - Linear Technology LTC1314CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1314/LTC1315
PCMCIA Switching Matrix
with Built-In N-Channel
VCC Switch Drivers
S
FEATURE
DESCRIPTIO
s
Output Current Capability: 120mA
s
External 12V Regulator Can Be Shut Down
s
Built-In N-Channel VCC Switch Drivers
s
Digital Selection of 0V, VCCIN, VPPIN or Hi-Z
s
3.3V or 5V VCC Supply
s
Break-Before-Make Switching
s
0.1
µA Quiescent Current in Hi-Z or 0V Mode
s
No VPPOUT Overshoot
s
Logic Compatible with Standard PCMCIA Controllers
The LTC
®1314/LTC1315 provide the power switching
necessary to control Personal Computer Memory Card
International Association (PCMCIA) Release 2.0 card slots.
When used in conjunction with a PC card interface control-
ler, these devices form a complete minimum component
count interface for palmtop, pen-based and notebook
computers.
The LTC1314/LTC1315 provide 0V, 3.3V, 5V, 12V and
Hi-Z power output for flash VPP programming. A built-in
charge pump produces 12V of gate drive for inexpensive
N-channel 3.3V/5V VCC switching. The 12V regulator can
be shut down when 12V is not required at VPPOUT. All
digital inputs are TTL compatible and interface directly
with industry standard PC card interface controllers.
The LTC1314 is available in 14-pin SO and the LTC1315 in
24-pin SSOP.
s
Notebook Computers
s
Palmtop Computers
s
Pen-Based Computers
s
Handi-Terminals
s
Bar-Code Readers
S
APPLICATI
, LTC and LT are registered trademarks of Linear Technology Corporation.
TYPICAL APPLICATION
Linear Technology PCMCIA Product Family
DEVICE
DESCRIPTION
PACKAGE
LT1312
SINGLE PCMCIA VPP DRIVER/REGULATOR
8-PIN SO
LT1313
DUAL PCMCIA VPP DRIVER/REGULATOR
16-PIN SO*
LTC
®1314 SINGLE PCMCIA SWITCH MATRIX
14-PIN SO
LTC1315
DUAL PCMCIA SWITCH MATRIX
24-PIN SSOP
LTC1470
PROTECTED VCC 5V/3.3V SWITCH MATRIX
8-PIN SO
LTC1472
PROTECTED VCC AND VPP SWITCH MATRIX 16-PIN SO*
*NARROW BODY
EN0
EN1
VCC0
VCC1
VPPOUT
DRV3
DRV5
0
0
X
X
GND
X
X
01
X
X
VCCIN
XX
1
0
X
X
VPPIN
XX
1
1
X
X
Hi-Z
X
X
XX
1
0
X
1
0
XX
0
1
X
0
1
XX
0
0
X
0
0
XX
1
1
X
0
0
X = DON’T CARE
LTC1314 Truth Table
Typical PCMCIA Single Slot Driver
+
VPPIN
COUT
SHDN
3.3V OR 5V
VDD
VPPOUT
VPP1
VPP2
VCC
LTC1314 • TA01
LTC1314
5V
12V
PCMCIA
CARD SLOT
CONTROLLER
EN0
EN1
VCC0
VCC1
DRV5
VCCIN
DRV3
GND
5V
3.3V
PCMCIA
CARD SLOT
+
1
µF
0.1
µF
STEP-UP
REGULATOR
LT
®1301
VIN
VOUT
SHDN


Similar Part No. - LTC1314CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1314 LINER-LTC1314 Datasheet
246Kb / 12P
PCMCIA Switching Matrix with Built-In N-Channel VCC Switch Drivers
LTC1314 LINER-LTC1314_15 Datasheet
246Kb / 12P
PCMCIA Switching Matrix with Built-In N-Channel VCC Switch Drivers
More results

Similar Description - LTC1314CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1472 LINER-LTC1472 Datasheet
300Kb / 16P
Protected PCMCIA VCC and VPP Switching Matrix
logo
Maxim Integrated Produc...
MAX157 MAXIM-MAX157 Datasheet
169Kb / 12P
Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
MAX1602 MAXIM-MAX1602 Datasheet
130Kb / 12P
Single-Channel CardBus and PCMCIA VCC/VPP Power-Switching Network
19-1125; Rev 0; 9/96
logo
Micrel Semiconductor
MIC2560 MICREL-MIC2560 Datasheet
58Kb / 12P
PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2561 MICREL-MIC2561 Datasheet
50Kb / 8P
PCMCIA Card Socket VCC & VPP Switching Matrix
logo
Linear Technology
LTC1472 LINER-LTC1472_1 Datasheet
199Kb / 16P
Protected PCMCIA VCC and VPP Switching Matrix
logo
Micrel Semiconductor
MIC2560 MICREL-MIC2560_06 Datasheet
198Kb / 8P
PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2561 MICREL-MIC2561_05 Datasheet
474Kb / 12P
PCMCIA Card Socket VCC and VPP Switching Matrix
logo
Linear Technology
LTC1314 LINER-LTC1314_15 Datasheet
246Kb / 12P
PCMCIA Switching Matrix with Built-In N-Channel VCC Switch Drivers
LTC1472 LINER-LTC1472_15 Datasheet
205Kb / 16P
Protected PCMCIA VCC and VPP Switching Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com