Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1435CS Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1435CS
Description  High Efficiency Low Noise Synchronous Step-Down Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1435CS Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1435CS Datasheet HTML 5Page - Linear Technology LTC1435CS Datasheet HTML 6Page - Linear Technology LTC1435CS Datasheet HTML 7Page - Linear Technology LTC1435CS Datasheet HTML 8Page - Linear Technology LTC1435CS Datasheet HTML 9Page - Linear Technology LTC1435CS Datasheet HTML 10Page - Linear Technology LTC1435CS Datasheet HTML 11Page - Linear Technology LTC1435CS Datasheet HTML 12Page - Linear Technology LTC1435CS Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LTC1435
APPLICATIONS INFORMATION
MOSFET is on. Lower inductor values (higher
∆IL) will
cause this to occur at higher load currents, which can
cause a dip in efficiency in the upper range of low current
operation. In Burst Mode operation, lower inductance
values will cause the burst frequency to decrease.
The Figure 3 graph gives a range of recommended induc-
tor values vs operating frequency and VOUT.
Kool M
µ is a registered trademark of Magnetics, Inc.
ferrite. A reasonable compromise from the same manu-
facturer is Kool M
µ. Toroids are very space efficient,
especially when you can use several layers of wire. Be-
cause they generally lack a bobbin, mounting is more
difficult. However, designs for surface mount are available
which do not increase the height significantly.
Power MOSFET and D1 Selection
Two external power MOSFETs must be selected for use
with the LTC1435: an N-channel MOSFET for the top
(main) switch and an N-channel MOSFET for the bottom
(synchronous) switch.
The peak-to-peak gate drive levels are set by the INTVCC
voltage. This voltage is typically 5V during start-up (see
EXTVCC Pin Connection). Consequently, logic level thresh-
old MOSFETs must be used in most LTC1435 applica-
tions. The only exception is applications in which EXTVCC
is powered from an external supply greater than 8V (must
be less than 10V), in which standard threshold MOSFETs
(VGS(TH) < 4V) may be used. Pay close attention to the
BVDSS specification for the MOSFETs as well; many of the
logic level MOSFETs are limited to 30V or less.
Selection criteria for the power MOSFETs include the “ON”
resistance RSD(ON), reverse transfer capacitance CRSS,
input voltage and maximum output current. When the
LTC1435 is operating in continuous mode the duty cycles
for the top and bottom MOSFETs are given by:
Main Switch Duty Cycle =
V
V
Synchronous Switch Duty Cycle =
V
OUT
IN
IN −
()
V
V
OUT
IN
The MOSFET power dissipations at maximum output
current are given by:
P
V
V
IR
IC
f
P
VV
V
IR
MAIN
OUT
IN
MAX
DS ON
MAX
RSS
SYNC
IN
OUT
IN
MAX
DS ON
=
() +
()
+
() (
)(
)( )
=
−
() +
()
()
()
2
185
2
1
1
δ
δ
k VIN
.
Inductor Core Selection
Once the value for L is known, the type of inductor must be
selected. High efficiency converters generally cannot af-
ford the core loss found in low cost powdered iron cores,
forcing the use of more expensive ferrite, molypermalloy
or Kool M
µ® cores. Actual core loss is independent of core
size for a fixed inductor value, but it is very dependent on
inductance selected. As inductance increases, core losses
go down. Unfortunately, increased inductance requires more
turns of wire and therefore copper losses will increase.
Ferrite designs have very low core loss and are preferred
at high switching frequencies, so design goals can con-
centrate on copper loss and preventing saturation. Ferrite
core material saturates “hard,” which means that induc-
tance collapses abruptly when the peak design current is
exceeded. This results in an abrupt increase in inductor
ripple current and consequent output voltage ripple. Do
not allow the core to saturate!
Molypermalloy (from Magnetics, Inc.) is a very good, low
loss core material for toroids, but it is more expensive than
Figure 3. Recommended Inductor Values
OPERATING FREQUENCY (kHz)
0
0
10
20
30
40
60
50
100
150
200
1435 F03
250
300
50
VOUT = 5.0V
VOUT = 3.3V
VOUT = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com