Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1435CS Datasheet(PDF) 15 Page - Linear Technology

Part # LTC1435CS
Description  High Efficiency Low Noise Synchronous Step-Down Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1435CS Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC1435CS Datasheet HTML 11Page - Linear Technology LTC1435CS Datasheet HTML 12Page - Linear Technology LTC1435CS Datasheet HTML 13Page - Linear Technology LTC1435CS Datasheet HTML 14Page - Linear Technology LTC1435CS Datasheet HTML 15Page - Linear Technology LTC1435CS Datasheet HTML 16Page - Linear Technology LTC1435CS Datasheet HTML 17Page - Linear Technology LTC1435CS Datasheet HTML 18Page - Linear Technology LTC1435CS Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
LTC1435
APPLICATIONS INFORMATION
Design Example
As a design example, assume VIN = 12V(nominal), VIN =
22V(max), VOUT = 3.3V, IMAX = 3A and f = 250kHz, RSENSE
and COSC can immediately be calculated:
RSENSE = 100mV/3A = 0.033Ω
COSC = 1.37(10
4)/250 – 11 = 43pF
Referring to Figure 3, a 10
µH inductor falls within the
recommended range. To check the actual value of the
ripple current the following equation is used:
∆I
V
fL
V
V
L
OUT
OUT
IN
= ()( )


1–
The highest value of the ripple current occurs at the
maximum input voltage:
∆I
V
kHz
H
V
V
L =
µ
()


=
33
250
10
1
33
22
11
.
–
.
.2A
The power dissipation on the topside MOSFET can be
easily estimated. Choosing a Siliconix Si4412DY results
in: RDS(ON) = 0.042Ω, CRSS = 100pF. At maximum input
voltage with T(estimated) = 50
°C:
P
V
V
CC
V
A
pF
kHz
mW
MAIN =
() +() °− °
()
[]()
+
() ( )( )(
)=
33
22
3
1
0 005 50
25
0 042
2 5 22
3
100
250
122
2
185
.
..
.
.
Ω
The most stringent requirement for the synchronous
N-channel MOSFET occurs when VOUT = 0 (i.e. short
circuit). In this case the worst-case dissipation rises to:
PI
R
SYNC
SC AVG
DS ON
=
() +
()
()
( )
2
1
δ
With the 0.033
Ω sense resistor ISC(AVG) = 4A will result,
increasing the Si4412DY dissipation to 950mW at a die
temperature of 105
°C.
CIN is chosen for an RMS current rating of at least 1.5A at
temperature. COUT is chosen with an ESR of 0.03Ω for low
output ripple. The output ripple in continuous mode will be
highest at the maximum input voltage. The output voltage
ripple due to ESR is approximately:
VORIPPLE = RESR(∆IL) = 0.03Ω(1.112A) = 34mVP-P
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
LTC1435. These items are also illustrated graphically in
the layout diagram of Figure 8. Check the following in your
layout:
1. Are the signal and power grounds segregated? The
LTC1435 signal ground pin must return to the (–) plate
of COUT. The power ground connects to the source of
the bottom N-channel MOSFET, anode of the Schottky
diode, and (–) plate of CIN, which should have as short
lead lengths as possible.
2. Does the VOSENSE pin connect directly to the feedback
resistors? The resistive divider R1, R2 must be con-
nected between the (+) plate of COUT and signal ground.
The 100pF capacitor should be as close as possible to
the LTC1435.
3. Are the SENSE– and SENSE+ leads routed together with
minimum PC trace spacing? The filter capacitor be-
tween SENSE+ and SENSE – should be as close as
possible to the LTC1435.
4. Does the (+) plate of CIN connect to the drain of the
topside MOSFET(s) as closely as possible? This capaci-
tor provides the AC current to the MOSFET(s).
5. Is the INTVCC decoupling capacitor connected closely
between INTVCC and the power ground pin? This ca-
pacitor carries the MOSFET driver peak currents.
6. Keep the switching node SW away from sensitive small-
signal nodes. Ideally the switch node should be placed
at the furthest point from the LTC1435.
7. SGND should be exclusively used for grounding exter-
nal components on COSC, ITH, VOSENSE and SFB pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com