Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1435CS Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1435CS
Description  High Efficiency Low Noise Synchronous Step-Down Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1435CS Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1435CS Datasheet HTML 3Page - Linear Technology LTC1435CS Datasheet HTML 4Page - Linear Technology LTC1435CS Datasheet HTML 5Page - Linear Technology LTC1435CS Datasheet HTML 6Page - Linear Technology LTC1435CS Datasheet HTML 7Page - Linear Technology LTC1435CS Datasheet HTML 8Page - Linear Technology LTC1435CS Datasheet HTML 9Page - Linear Technology LTC1435CS Datasheet HTML 10Page - Linear Technology LTC1435CS Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LTC1435
(Refer to Functional Diagram)
OPERATION
Main Control Loop
The LTC1435 uses a constant frequency, current mode
step-down architecture. During normal operation, the top
MOSFET is turned on each cycle when the oscillator sets
the RS latch, and turned off when the main current
comparator I1 resets the RS latch. The peak inductor
current at which I1 resets the RS latch is controlled by the
voltage on the ITHpin , which is the output of error amplifier
EA. The VOSENSE pin, described in the Pin Functions
section, allows EA to receive an output feedback voltage
VFB from an external resistive divider. When the load
current increases, it causes a slight decrease in VFB
relative to the 1.19V reference, which in turn causes the ITH
voltage to increase until the average inductor current
matches the new load current. While the top MOSFET is
off, the bottom MOSFET is turned on until either the
inductor current starts to reverse, as indicated by current
comparator I2, or the beginning of the next cycle.
The top MOSFET driver is biased from floating bootstrap
capacitor CB, which normally is recharged during each off
cycle. However, when VIN decreases to a voltage close to
VOUT, the loop may enter dropout and attempt to turn on
the top MOSFET continuously. The dropout detector counts
the number of oscillator cycles that the top MOSFET
remains on and periodically forces a brief off period to
allow CB to recharge.
The main control loop is shut down by pulling the RUN/SS
pin low. Releasing RUN/SS allows an internal 3
µA current
source to charge soft start capacitor CSS. When CSS
reaches 1.3V, the main control loop is enabled with the ITH
voltage clamped at approximately 30% of its maximum
value. As CSS continues to charge, ITH is gradually re-
leased allowing normal operation to resume.
Comparator OV guards against transient overshoots
> 7.5% by turning off the top MOSFET and keeping it off
until the fault is removed.
Low Current Operation
The LTC1435 is capable of Burst Mode operation in which
the external MOSFETs operate intermittently based on
load demand. The transition to low current operation
begins when comparator I2 detects current reversal and
turns off the bottom MOSFET. If the voltage across RSENSE
does not exceed the hysteresis of I2 (approximately 20mV)
for one full cycle, then on following cycles the top and
bottom drives are disabled. This continues until an induc-
tor current peak exceeds 20mV/RSENSE or the ITH voltage
exceeds 0.6V, either of which causes drive to be returned
to the TG pin on the next cycle.
Two conditions can force continuous synchronous opera-
tion, even when the load current would otherwise dictate
low current operation. One is when the common mode
voltage of the SENSE+ and SENSE – pins is below 1.4V and
the other is when the SFB pin is below 1.19V. The latter
condition is used to assist in secondary winding regulation
as described in the Applications Information section.
INTVCC/EXTVCC Power
Power for the top and bottom MOSFET drivers and most
of the other LTC1435 circuitry is derived from the INTVCC
pin. The bottom MOSFET driver supply pin is internally
connected to INTVCC in the LTC1435. When the EXTVCC
pin is left open, an internal 5V low dropout regulator
supplies INTVCC power. If EXTVCC is taken above 4.8V,
the 5V regulator is turned off and an internal switch is
turned on to connect EXTVCC to INTVCC. This allows the
INTVCC power to be derived from a high efficiency
external source such as the output of the regulator itself
or a secondary winding, as described in the Applications
Information section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com