Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1435CS Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1435CS
Description  High Efficiency Low Noise Synchronous Step-Down Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1435CS Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1435CS Datasheet HTML 7Page - Linear Technology LTC1435CS Datasheet HTML 8Page - Linear Technology LTC1435CS Datasheet HTML 9Page - Linear Technology LTC1435CS Datasheet HTML 10Page - Linear Technology LTC1435CS Datasheet HTML 11Page - Linear Technology LTC1435CS Datasheet HTML 12Page - Linear Technology LTC1435CS Datasheet HTML 13Page - Linear Technology LTC1435CS Datasheet HTML 14Page - Linear Technology LTC1435CS Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LTC1435
additional circuitry is required to derive INTVCC power
from the output.
The following list summarizes the four possible connec-
tions for EXTVCC:
1. EXTVCC left open (or grounded). This will cause INTVCC
to be powered from the internal 5V regulator resulting
in an efficiency penalty of up to 10% at high input
voltages.
2. EXTVCC connected directly to VOUT. This is the normal
connection for a 5V regulator and provides the highest
efficiency.
3. EXTVCC connected to an output-derived boost network.
For 3.3V and other low voltage regulators, efficiency
gains can still be realized by connecting EXTVCC to an
output-derived voltage which has been boosted to
greater than 4.8V. This can be done with either the
inductive boost winding as shown in Figure 4a or the
capacitive charge pump shown in Figure 4b. The charge
pump has the advantage of simple magnetics.
4. EXTVCC connected to an external supply. If an external
supply is available in the 5V to 10V range (EXTVCC ≤
VIN), it may be used to power EXTVCC providing it is
compatible with the MOSFET gate drive requirements.
When driving standard threshold MOSFETs, the exter-
nal supply must always be present during operation to
prevent MOSFET failure due to insufficient gate drive.
APPLICATIONS INFORMATION
INTVCC Regulator
An internal P-channel low dropout regulator produces the
5V supply which powers the drivers and internal circuitry
within the LTC1435. The INTVCC pin can supply up to
15mA and must be bypassed to ground with a minimum
of 2.2
µF tantalum or low ESR electrolytic. Good bypassing
is necessary to supply the high transient currents required
by the MOSFET gate drivers.
High input voltage applications, in which large MOSFETs
are being driven at high frequencies, may cause the
maximum junction temperature rating for the LTC1435 to
be exceeded. The IC supply current is dominated by the
gate charge supply current when not using an output
derived EXTVCC source. The gate charge is dependent on
operating frequency as discussed in the Efficiency Consid-
erations section. The junction temperature can be esti-
mated by using the equations given in Note 1 of the
Electrical Characteristics. For example, the LTC1435 is
limited to less than 17mA from a 30V supply:
TJ = 70°C + (17mA)(30V)(100°C/W) = 126°C
To prevent maximum junction temperature from being
exceeded, the input supply current must be checked when
operating in continuous mode at maximum VIN.
EXTVCC Connection
The LTC1435 contains an internal P-channel MOSFET
switch connected between the EXTVCC and INTVCC pins.
The switch closes and supplies the INTVCC power when-
ever the EXTVCC pin is above 4.8V, and remains closed
until EXTVCC drops below 4.5V. This allows the MOSFET
driver and control power to be derived from the output
during normal operation (4.8V < VOUT < 9V) and from the
internal regulator when the output is out of regulation
(start-up, short circuit). Do not apply greater than 10V to
the EXTVCC pin and ensure that EXTVCC < VIN.
Significant efficiency gains can be realized by powering
INTVCC from the output, since the VIN current resulting
from the driver and control currents will be scaled by a
factor of Duty Cycle/Efficiency. For 5V regulators this
supply means connecting the EXTVCC pin directly to VOUT.
However, for 3.3V and other lower voltage regulators,
Figure 4a. Secondary Output Loop and EXTVCC Connection
R6
R5
EXTVCC
SFB
SGND
VIN
TG
BG
PGND
LTC1435
N-CH
N-CH
+
CIN
VIN
1N4148
+
1
µF
+
COUT
VSEC
L1
1:N
RSENSE
VOUT
OPTIONAL
EXT VCC
CONNECTION
5V
≤ VSEC ≤ 9V
LTC1435 • F04a
SW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com