Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1435CS Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1435CS
Description  High Efficiency Low Noise Synchronous Step-Down Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1435CS Datasheet(HTML) 4 Page - Linear Technology

  LTC1435CS Datasheet HTML 1Page - Linear Technology LTC1435CS Datasheet HTML 2Page - Linear Technology LTC1435CS Datasheet HTML 3Page - Linear Technology LTC1435CS Datasheet HTML 4Page - Linear Technology LTC1435CS Datasheet HTML 5Page - Linear Technology LTC1435CS Datasheet HTML 6Page - Linear Technology LTC1435CS Datasheet HTML 7Page - Linear Technology LTC1435CS Datasheet HTML 8Page - Linear Technology LTC1435CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LTC1435
TYPICAL PERFORMANCE CHARACTERISTICS
Input Supply and Shutdown
Current vs Input Voltage
INPUT VOLTAGE (V)
0
0
0.5
1.0
1.5
2.0
2.5
0
20
40
60
80
100
5
10
15
20
1435 G07
25
30
VOUT = 3.3V
EXTVCC = OPEN
VOUT = 5V
EXTVCC = VOUT
SHUTDOWN
EXTVCC Switch Drop
vs INTVCC Load Current
INTVCC LOAD CURRENT (mA)
0
120
160
200
16
1435 G09
80
40
100
140
180
60
20
0
4
8
12
218
6
10
14
20
–55
°C
25
°C
70
°C
INTVCC LOAD CURRENT (mA)
0
0
0.3
20
1435 G08
– 0.3
– 0.5
5
10
70
°C
25
°C
15
0.5
VEXTVCC = 0V
INTVCC Regulation
vs INTVCC Load Current
Normalized Oscillator Frequency
vs Temperature
TEMPERATURE (
°C)
–40
5
10
35
85
1435 G10
fO
–15
10
60
110
135
–5
–10
RUN/SS Pin Current
vs Temperature
TEMPERATURE (
°C)
–40
0
1
2
3
4
–15
10
35
60
1435 G11
85
110
135
SFB Pin Current vs Temperature
TEMPERATURE (
°C)
–40
– 0.50
– 0.25
0
35
85
1435 G12
– 0.75
–1.00
–15
10
60
110
135
–1.25
–1.50
TEMPERATURE (
°C)
–40
146
148
150
152
154
–15
10
35
60
1435 G13
85
110
135
Transient Response
Transient Response
Maximum Current Sense
Threshold Voltage vs Temperature
VOUT
50mV/DIV
ILOAD = 50mA to 1A
1435 G14
ILOAD = 1A to 3A
1435 G15
VOUT
50mV/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com