Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1435CS Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1435CS
Description  High Efficiency Low Noise Synchronous Step-Down Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1435CS Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1435CS Datasheet HTML 12Page - Linear Technology LTC1435CS Datasheet HTML 13Page - Linear Technology LTC1435CS Datasheet HTML 14Page - Linear Technology LTC1435CS Datasheet HTML 15Page - Linear Technology LTC1435CS Datasheet HTML 16Page - Linear Technology LTC1435CS Datasheet HTML 17Page - Linear Technology LTC1435CS Datasheet HTML 18Page - Linear Technology LTC1435CS Datasheet HTML 19Page - Linear Technology LTC1435CS Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
LTC1435
TYPICAL APPLICATIONS
Constant-Current/Constant-Voltage High Efficiency Battery Charger
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TG
BOOST
SW
VIN
INTVCC
BG
PGND
EXTVCC
COSC
RUN/SS
ITH
SFB
SGND
VOSENSE
SENSE –
SENSE +
U1
LTC1435
1
2
3
4
8
7
6
5
AVG
PROG
VCC
PIN
SENSE
IOUT
GND
NIN
U2
LT1620
C11
56pF
C9
100pF
D2
C14
1000pF
C10
100pF
C15
0.1
µF
C6
0.33
µF
C5
0.1
µF
C13
0.033
µF
E3
SHDN
R5
1k
C16
0.33
µF
E4
IPROG
*CONSULT CAPACITOR MANUFACTURER FOR RECOMMENDED
ESR RATING FOR CONTINUOUS 4A OPERATION
E5
GND
C18
0.1
µF
R6
10k
1%
RPROG
C17
0.01
µF
C12
0.1
µF
C4
0.1
µF
E3
GND
E1
VIN
D1
C7
4.7
µF
16V
L1
27
µH
C3
22
µF
35V
R1
0.025
Ω
E6
BATT
Q1
Si4412DY
Q2
Si4412DY
E7
GND
C8
100pF
R2
1M
0.1%
R4
76.8k
0.1%
JP1B
DC133 F01
+
R3
105k
0.1%
JP1A
C2*
22
µF
35V
R7
1.5M
C1*
22
µF
35V
+
+
Current Programming Equation
IBATT =
(IPROG)(R6) – 0.04
10(R1)
Efficiency
BATTERY CHARGE CURRENT (A)
0
90
95
100
4
1435 TA05
85
80
75
1
2
3
5
VIN = 24V
VBATT = 16V
VBATT = 12V
VBATT = 6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com