Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1435CS Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1435CS
Description  High Efficiency Low Noise Synchronous Step-Down Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1435CS Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1435CS Datasheet HTML 8Page - Linear Technology LTC1435CS Datasheet HTML 9Page - Linear Technology LTC1435CS Datasheet HTML 10Page - Linear Technology LTC1435CS Datasheet HTML 11Page - Linear Technology LTC1435CS Datasheet HTML 12Page - Linear Technology LTC1435CS Datasheet HTML 13Page - Linear Technology LTC1435CS Datasheet HTML 14Page - Linear Technology LTC1435CS Datasheet HTML 15Page - Linear Technology LTC1435CS Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
LTC1435
APPLICATIONS INFORMATION
EXTVCC
VIN
TG
BG
PGND
LTC1435
N-CH
N-CH
+
CIN
VIN
+
COUT
L1
RSENSE
VOUT
+
1
µF
LTC1435 • F04b
VN2222LL
BAT85
BAT85
BAT85
0.22
µF
SW
Figure 4b. Capacitive Charge Pump for EXTVCC
Topside MOSFET Driver Supply (CB, DB)
An external bootstrap capacitor CB connected to the Boost
pin supplies the gate drive voltage for the topside MOSFET.
Capacitor CB in the Functional Diagram is charged through
diode DB from INTVCC when the SW pin is low. When the
topside MOSFET is to be turned on, the driver places the
CB voltage across the gate source of the MOSFET. This
enhances the MOSFET and turns on the topside switch.
The switch node voltage SW rises to VIN and the Boost pin
rises to VIN + INTVCC. The value of the boost capacitor CB
needs to be 100 times greater than the total input capaci-
tance of the topside MOSFET. In most applications 0.1
µF
is adequate. The reverse breakdown on DB must be greater
than VIN(MAX).
Output Voltage Programming
The output voltage is set by a resistive divider according
to the following formula:
VV
R
R
OUT =+


119
1
2
1
.
The external resistor divider is connected to the output as
shown in Figure 5 allowing remote voltage sensing.
Run/ Soft Start Function
The RUN/SS pin is a dual purpose pin which provides the
soft start function and a means to shut down the LTC1435.
Figure 6. RUN/SS Pin Interfacing
LTC1435 • F06
CSS
D1
3.3V OR 5V
RUN/SS
CSS
RUN/SS
Soft start reduces surge currents from VIN by gradually
increasing the internal current limit.
Power supply se-
quencing can also be accomplished using this pin.
An internal 3
µA current source charges up an external
capacitor CSS. When the voltage on RUN/SS reaches 1.3V
the LTC1435 begins operating. As the voltage on RUN/SS
continues to ramp from 1.3V to 2.4V, the internal current
limit is also ramped at a proportional linear rate. The
current limit begins at approximately 50mV/RSENSE (at
VRUN/SS = 1.3V) and ends at 150mV/RSENSE (VRUN/SS >
2.7V). The output current thus ramps up slowly, charging
the output capacitor. If RUN/SS has been pulled all the way
to ground there is a delay before starting of approximately
500ms/
µF, followed by an additional 500ms/µF to reach
full current.
tDELAY = 5(10
5)CSS Seconds
Pulling the RUN/SS pin below 1.3V puts the LTC1435 into
a low quiescent current shutdown (IQ < 25µA). This pin
can be driven directly from logic as shown in Figure 6.
Diode D1 in Figure 6 reduces the start delay but allows
CSS to ramp up slowly for the soft start function; this
diode and CSS can be deleted if soft start is not needed.
The RUN/SS pin has an internal 6V Zener clamp (See
Functional Diagram).
VOSENSE
LTC1435
R1
R2
LTC1435 • F05
100pF
1.19V
≤ VOUT ≤ 9V
SGND
Figure 5. Setting the LTC1435 Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com