Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1434IGN Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1434IGN
Description  450mA, Low Noise Current Mode Step-Down DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1434IGN Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1434IGN Datasheet HTML 4Page - Linear Technology LTC1434IGN Datasheet HTML 5Page - Linear Technology LTC1434IGN Datasheet HTML 6Page - Linear Technology LTC1434IGN Datasheet HTML 7Page - Linear Technology LTC1434IGN Datasheet HTML 8Page - Linear Technology LTC1434IGN Datasheet HTML 9Page - Linear Technology LTC1434IGN Datasheet HTML 10Page - Linear Technology LTC1434IGN Datasheet HTML 11Page - Linear Technology LTC1434IGN Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LTC1433/LTC1434
LTC1433/LTC1434 are used at 100% duty cycle with low
input voltages.
Inductor Value Calculation
The operating frequency and inductor selection are inter-
related in that higher operating frequencies permit the use
of a smaller inductor for the same amount of inductor
ripple current. However, this is at the expense of efficiency
due to an increase in MOSFET gate charge losses.
The inductor value has a direct effect on ripple current. The
ripple current
∆IL decreases with higher inductance or
frequency and increases with higher VIN or VOUT:
∆I
fL
V
V
V
L
OUT
OUT
IN
= ()( )


1
1–
Core losses are dependent on the peak-to-peak ripple
current and core material. Hence, by choosing a larger
inductance the peak-to-peak inductor ripple current will
decrease, therefore decreasing core loss. To further re-
duce losses, low core loss material such as molypermalloy
or Kool M
µ® can be chosen as the inductor core material.
An indirect way that the inductor affects efficiency is
through the usage of the big P-channel at low load
currents. Lower inductance values will result in high peak
inductor current. Because one of the conditions that
determines the turning on of the large P-channel is peak
current, this will result in the usage of the large P-channel
even though the load current is low. Hence, efficiency at
low load current will be affected. See Efficiency Consider-
ations.
Inductor Core Selection
Once the value for L is known, the type of inductor must
be selected. High efficiency converters generally cannot
afford the core loss found in low cost powdered iron
cores, forcing the use of more expensive ferrite,
molypermalloy or Kool M
µ cores. Actual core loss is
independent of core size for a fixed inductor value, but it
is very dependent on inductance selected. As inductance
increases, core losses go down. Unfortunately, increased
inductance requires more turns of wire and therefore
copper losses will increase.
APPLICATIONS INFORMATION
Figure 2. Selecting COSC for Oscillator Frequency
Kool M
µ is a registered trademark of Magnetics, Inc.
CAPACITANCE ON COSC PIN (pF)
0
400
500
600
150
1433/34 F02
300
200
50
100
200
100
0
700
VPLLLPF = 1.19V
VPLLLPF = 2.5V
VPLLLPF = 0V
Another important point to note is that at a low supply
voltages, the RDS(ON) of the P-channel switch increases
(see Typical Performance Characteristics). Therefore, the
user should calculate the power dissipation when the
As the operating frequency is increased the gate charge
losses will be higher, reducing efficiency. The maximum
recommended switching frequency is 700kHz. When us-
ing Figure 2 for synchronizable applications, the value of
COSC is selected corresponding to a frequency 30% below
your center frequency (see Phase-Locked Loop and Fre-
quency Synchronization).
Low Supply Operation
The LTC1433/LTC1434 can function down to 3V and the
maximum allowable output current is also reduced at low
input voltages. Figure 3 shows the amount of change as
the supply is reduced down to 2.5V. The minimum guar-
anteed input supply is 3V.
SUPPLY VOLTAGE (V)
4.0
70
80
1433/34 F03
60
50
3.5
3.0
2.5
100
90
Figure 3. Maximum Allowable Output Current vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com