Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1434IGN Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1434IGN
Description  450mA, Low Noise Current Mode Step-Down DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1434IGN Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1434IGN Datasheet HTML 12Page - Linear Technology LTC1434IGN Datasheet HTML 13Page - Linear Technology LTC1434IGN Datasheet HTML 14Page - Linear Technology LTC1434IGN Datasheet HTML 15Page - Linear Technology LTC1434IGN Datasheet HTML 16Page - Linear Technology LTC1434IGN Datasheet HTML 17Page - Linear Technology LTC1434IGN Datasheet HTML 18Page - Linear Technology LTC1434IGN Datasheet HTML 19Page - Linear Technology LTC1434IGN Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
LTC1433/LTC1434
TYPICAL APPLICATIONS N
9V to 12V, – 12V Outputs
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SSW
NC
BSW
NC
SGND
RUN/SS
LBO
LBI
PWRVIN
PGND
SVIN
COSC
POR
ITH
VOSENSE
VPROG
LTC1433
68
µF*
20V
0.1
µF
0.1
µF
47
µF**
68
µF*
20V
68
µF*
20V
VOUT
12V
POWER-ON
RESET
VIN
4.5V TO 12.5V
50pF
1k
30k
100k
6800pF
1433/34 TA07
D2
100pF
VOUT
–12V
301k
1%
34k
1%
1N914
Si6447DQ
680pF
TOP VIEW
3
1
2
4
•
L1B
L1B
L1A
L1A
D1, D2: MOTOROLA MBRS130LT3
L1A, L1B:
*AVX TPSE686M020R0150
** WIMA MKS2
MANUFACTURER
COILTRONICS
DALE
PART NO.
CTX100-4
LPT4545-101LA
96k
100k
LOW-BATTERY
TRIP AT VIN = 5V
L1A
100
µH
•
D1
L1B
100
µH
•
VIN (V)
4.5
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
12.5
EACH OUTPUT
IOUT(MAX) (mA)
50
60
70
100
110
130
145
160
200
205
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com