Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1434IGN Datasheet(PDF) 15 Page - Linear Technology

Part # LTC1434IGN
Description  450mA, Low Noise Current Mode Step-Down DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1434IGN Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC1434IGN Datasheet HTML 11Page - Linear Technology LTC1434IGN Datasheet HTML 12Page - Linear Technology LTC1434IGN Datasheet HTML 13Page - Linear Technology LTC1434IGN Datasheet HTML 14Page - Linear Technology LTC1434IGN Datasheet HTML 15Page - Linear Technology LTC1434IGN Datasheet HTML 16Page - Linear Technology LTC1434IGN Datasheet HTML 17Page - Linear Technology LTC1434IGN Datasheet HTML 18Page - Linear Technology LTC1434IGN Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
LTC1433/LTC1434
TYPICAL APPLICATIONS N
Highest Efficiency 3.3V/5V Converter
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SSW
NC
BSW
NC
SGND
RUN/SS
LBO
LBI
PWRVIN
PGND
SVIN
COSC
POR
ITH
VOSENSE
VPROG
LTC1433
68
µF**
20V
0.1
µF
0.1
µF
100
µF*
10V
D1: MOTOROLA MBRS0520LT3
D2: MOTOROLA MBRS130LT3
L1: COILCRAFT DT1608C SERIES
L2: SUMIDA CD54 SERIES
VOUT
D1
L2
22
µH
POWER-ON
RESET
VIN
3.5V TO 12.5V FOR VOUT = 3.3V
6V TO 12.5V FOR VOUT = 5V
VPROG = 0V, VOUT = 3.3V
VPROG = VIN, VOUT = 5V
100pF
5.1k
100k
6800pF
1433/34 TA02
D2
L1
100
µH
680pF
*AVX TPSD107M010R0100
** AVX TPSE686M020R0150
+
+
Positive-to-Negative – 5V Converter
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SSW
NC
BSW
NC
SGND
RUN/SS
LBO
LBI
PWRVIN
PGND
SVIN
COSC
POR
ITH
VOSENSE
VPROG
LTC1433
100
µF**
16V
0.1
µF
0.01
µF
100
µF*
10V
D1: MOTOROLA MBRS130LT3
L1: COILCRAFT DO3316 SERIES
VOUT
–5V
D1
VIN
3.5V TO 7.5V
100pF
5.1k
6800pF
1433/34 TA03
680pF
*AVX TPSD107M010R0100
** AVX TPSE107M016R0100
L1
68
µH
VIN (V)
3.0
4.0
5.0
6.0
7.0
7.5
IOUT(MAX) (mA)
180
240
290
340
410
420
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com