Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1434IGN Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1434IGN
Description  450mA, Low Noise Current Mode Step-Down DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1434IGN Datasheet(HTML) 2 Page - Linear Technology

  LTC1434IGN Datasheet HTML 1Page - Linear Technology LTC1434IGN Datasheet HTML 2Page - Linear Technology LTC1434IGN Datasheet HTML 3Page - Linear Technology LTC1434IGN Datasheet HTML 4Page - Linear Technology LTC1434IGN Datasheet HTML 5Page - Linear Technology LTC1434IGN Datasheet HTML 6Page - Linear Technology LTC1434IGN Datasheet HTML 7Page - Linear Technology LTC1434IGN Datasheet HTML 8Page - Linear Technology LTC1434IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC1433/LTC1434
A
G
A
U
A
R
BSOLUTEXI
TI
S
(Voltages Referred to PGND Pin)
Input Supply Voltage (PWRVIN, SVIN) ... 13.5V to – 0.3V
DC Small Switch Current (SSW) ......................... 100mA
Peak Small Switch Current (SSW) ..................... 300mA
Small Switch Voltage
(SSW) ................................ (VIN + 0.3V) to (VIN – 13.5V)
DC Large Switch Current (BSW) ....................... 600mA
Peak Large Switch Current (BSW) .......................... 1.2A
Large Switch Voltage
(BSW) ................................ (VIN + 0.3V) to (VIN – 13.5V)
PLLIN, PLL LPF, ITH, COSC ........................2.7V to – 0.3V
POR, LBO .................................................. 12V to – 0.3V
LBI, VOSENSE ..............................................10V to – 0.3V
RUN/SS, VPROG Voltages
VIN ≥ 11.7V ...........................................12V to – 0.3V
VIN < 11.7V ............................... (VIN + 0.3V) to – 0.3V
Commercial Temperature Range
LTC1433C/LTC1434C .............................. 0
°C to 70°C
Extended Commercial Operating Temperature
Range (Note 2) ....................................... – 40
°C to 85°C
Industrial Temperature Range (Note 3)
LTC1433I/LTC1434I ........................... – 40
°C to 85°C
Junction Temperature (Note 4)............................. 125
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
(Note 1)
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
ORDER PART
NUMBER
LTC1433CGN
LTC1433IGN
LTC1434CGN
LTC1434IGN
TJMAX = 125°C, θJA = 150°C/ W
TJMAX = 125°C, θJA = 150°C/ W
1
2
3
4
5
6
7
8
TOP VIEW
GN PACKAGE
16-LEAD PLASTIC SSOP
16
15
14
13
12
11
10
9
SSW
NC
BSW
NC
SGND
RUN/SS
LBO
LBI
PWRVIN
PGND
SVIN
COSC
POR
ITH
VOSENSE
VPROG
Consult factory for Military grade parts.
1
2
3
4
5
6
7
8
9
10
TOP VIEW
GN PACKAGE
20-LEAD PLASTIC SSOP
20
19
18
17
16
15
14
13
12
11
NC
SSW
NC
BSW
SGND
NC
RUN/SS
NC
LBO
LBI
PWRVIN
PGND
SVIN
PLLIN
PLL LPF
COSC
POR
ITH
VOSENSE
VPROG
ELECTRICAL CHARACTERISTICS T
A = 25°C, VIN = 10V, VRUN/SS = 5V, unless otherwise noted. (Notes 2, 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loop
IIN VOSENSE
Feedback Current
VPROG Pin Open (Note 5)
10
50
nA
VOSENSE
Regulated Output Voltage
(Note 5)
1.19V (Adjustable) Selected
VPROG Pin Open
q
1.178
1.190
1.202
V
3.3V Selected
VPROG = 0V
q
3.220
3.300
3.380
V
5V Selected
VPROG = VIN
q
4.880
5.000
5.120
V
VOVL
Output Overvoltage Lockout
VPROG Pin Open
1.24
1.28
1.32
V
∆VOSENSE
Reference Voltage Line Regulation
VIN = 3.6V to 13V (Note 5), VPROG Pin Open
0.002
0.01
%/V
VLOADREG
Output Voltage Load Regulation
ITH Sinking 5µA (Note 5)
q
0.5
0.8
%
ITH Sourcing 5µA (Note 5)
q
– 0.5
– 0.8
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com