Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1434IGN Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1434IGN
Description  450mA, Low Noise Current Mode Step-Down DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1434IGN Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1434IGN Datasheet HTML 12Page - Linear Technology LTC1434IGN Datasheet HTML 13Page - Linear Technology LTC1434IGN Datasheet HTML 14Page - Linear Technology LTC1434IGN Datasheet HTML 15Page - Linear Technology LTC1434IGN Datasheet HTML 16Page - Linear Technology LTC1434IGN Datasheet HTML 17Page - Linear Technology LTC1434IGN Datasheet HTML 18Page - Linear Technology LTC1434IGN Datasheet HTML 19Page - Linear Technology LTC1434IGN Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
LTC1433/LTC1434
TYPICAL APPLICATIONS N
Negative Boost Converter
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SSW
NC
BSW
NC
SGND
RUN/SS
LBO
LBI
PWRVIN
PGND
SVIN
COSC
POR
ITH
VOSENSE
VPROG
LTC1433
0.1
µF
100
µF*
16V
100
µF*
16V
D1: MOTOROLA MBRS130LT3
L1: COILCRAFT DO3316 SERIES
VOUT
–9V
VIN
– 3V TO – 7V
D1
100pF
5.1k
50k
1%
310k
1%
6800pF
1433/34 TA05
68
µF**
20V
0.1
µF
680pF
100pF
*AVX TPSE107M016R0100
** AVX TPSE686M020R0150
L1
100
µH
VIN (V)
–3
–4
–5
–6
–7
IOUT(MAX) (mA)
180
300
400
540
680
+
+
Ultralow Output Ripple 5V to – 1.25V MR Head Amplifier Supply
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SSW
NC
BSW
NC
SGND
RUN/SS
LBO
LBI
PWRVIN
PGND
SVIN
COSC
POR
ITH
VOSENSE
VPROG
LTC1433
100
µF*
10V
0.1
µF
0.1
µF
100
µF*
10V
D1: MOTOROLA MBRM5819
L1: SUMIDA CD54 SERIES
L2: J.W. MILLER PM20-R33M
*AVX TPSD107M010R0100
VOUT
–1.25V
280mA
D1
L1
22
µH
POWER-ON
RESET
VIN
5V
680pF
100pF
5.1k
23.8k
1%
1.2k
1%
10k
6800pF
100pF
1433/34 TA04
100
µF*
10V
L2
0.33
µH
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com