Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1434IGN Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1434IGN
Description  450mA, Low Noise Current Mode Step-Down DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1434IGN Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1434IGN Datasheet HTML 12Page - Linear Technology LTC1434IGN Datasheet HTML 13Page - Linear Technology LTC1434IGN Datasheet HTML 14Page - Linear Technology LTC1434IGN Datasheet HTML 15Page - Linear Technology LTC1434IGN Datasheet HTML 16Page - Linear Technology LTC1434IGN Datasheet HTML 17Page - Linear Technology LTC1434IGN Datasheet HTML 18Page - Linear Technology LTC1434IGN Datasheet HTML 19Page - Linear Technology LTC1434IGN Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LTC1433/LTC1434
© LINEAR TECHNOLOGY CORPORATION 1996
14334fa LT/TP 1298 2K REV A • PRINTED IN THE USA
TYPICAL APPLICATIO
5V to
±5V Outputs
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SSW
NC
BSW
NC
SGND
RUN/SS
LBO
LBI
PWRVIN
PGND
SVIN
COSC
POR
ITH
VOSENSE
VPROG
LTC1433
100
µF*
10V
0.1
µF
0.01
µF
4.7
µF**
100
µF*
10V
100
µF*
10V
IOUT(MAX) = 130mA
IOUT(MIN) = 10mA
VOUT = 5V
IOUT(MAX) = 130mA
IOUT(MIN) = 5mA
VOUT = –5V
D1: MOTOROLA MBRS130LT3
L1A, L1B:
POWER-ON
RESET
VIN
5V
50pF
5.1k
100k
6800pF
1433/34 TA06
D2
L1A
20
µH
L1B
20
µH
680pF
*AVX TPSD107M010R0100
** WIMA MKS2
TOP VIEW
3
1
2
4
•
L1B
L1B
L1A
L1A
MANUFACTURER
COILTRONICS
DALE
PART NO.
CTX20-4
LPT4545-200LA
D1
1
2
34
•
•
+
+
PART NUMBER
DESCRIPTION
COMMENTS
LT
®1074/LT1076
Step-Down Switching Regulators
100kHz, 5A (LT1074) or 2A (LT1076) Internal Switch
LTC1174/LTC1174-3.3/
High Efficiency Step-Down and Inverting DC/DC Converters
Burst Mode
TM Operation
LTC1174-5
LTC1265
1.2A High Efficiency Step-Down DC/DC Converter
Burst Mode Operation
LT1375/LT1376
1.5A, 500kHz Step-Down Switching Regulators
High Frequency, Small Inductor, High Efficiency
Switchers, 1.5A Switch
LTC1474
High Efficiency Step-Down Converter
Low IQ = 10µA, 8-Pin MSOP
LTC1435
High Efficiency Synchronous Step-Down Controller
16-Pin Narrow SO and SSOP
LTC1436/LTC1436-PLL
High Efficiency Low Noise Synchronous Step-Down Controllers
24-Pin Narrow and 28-Pin SSOP
LTC1438/LTC1439
Dual High Efficiency Low Noise Synchronous Step-Down Controllers
Up to Four Outputs Capability
LTC1538-AUX
Dual High Efficiency Synchronous Step-Down Controller
Auxiliary Linear Regulator 5V Standby in Shutdown
LTC1539
Dual High Efficiency Low Noise Synchronous Step-Down Controller
Auxiliary Linear Regulator 5V Standby in Shutdown
LTC1627
High Efficiency Monolithic Synchronous DC/DC Converter
Low Supply Voltage: 2.65V to 10V, 0.5A
Burst Mode is a trademark of Linear Technology Corporation.
RELATED PARTS
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 qFAX:(408)434-0507 q www.linear-tech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com