Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1434IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1434IGN
Description  450mA, Low Noise Current Mode Step-Down DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1434IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1434IGN Datasheet HTML 6Page - Linear Technology LTC1434IGN Datasheet HTML 7Page - Linear Technology LTC1434IGN Datasheet HTML 8Page - Linear Technology LTC1434IGN Datasheet HTML 9Page - Linear Technology LTC1434IGN Datasheet HTML 10Page - Linear Technology LTC1434IGN Datasheet HTML 11Page - Linear Technology LTC1434IGN Datasheet HTML 12Page - Linear Technology LTC1434IGN Datasheet HTML 13Page - Linear Technology LTC1434IGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LTC1433/LTC1434
APPLICATIONS INFORMATION
Efficiency Considerations
Since there are two separate pins for the drain of the small
and large P-channel switch, we could utilize two induc-
tors to further enhance the efficiency of the regulator over
the low load current range. Figure 4 shows the circuit
connection.(Also refer to the Typical Applications sec-
tion.)
Figure 4. Using Two Inductors for Higher Low Current Efficiency
BSW
SSW
D1
D2
1433/34 F04
L2
L1
LTC1433/
LTC1434
To reduce core losses, the user can use a higher value
inductor on the small P-channel switch. Since this switch
only carries a small part of the overall current, the user can
still use a small physical size inductor without sacrificing
on copper losses. The Schottky diode can also be chosen
with a lower current rating. For the graph in Figure 5, a
Coilcraft DT1608C series inductor is used along with a
MBRS0520LT3 Schottky diode on the SSW pin. As can be
seen from Figure 5, the average efficiency gain over the
region where the small P-channel is on is about 3%.
LOAD CURRENT (A)
0.001
60
70
80
0.01
0.1
1
1433/34 • F05
50
40
100
90
VIN = 5V
VIN = 9V
ONE 22
µH INDUCTOR
ON SSW AND BSW
100
µH ON SSW
22
µH ON BSW
VOUT = 3.3V
COSC = 47pF
Figure 5. Efficiency Comparison Between Single Inductor
and Dual Inductor
Hence, the dual inductor configuration is good for the user
who requires as high an efficiency as possible at low load
while retaining constant frequency operation.
Output Voltage Programming
The LTC1433/LTC1434 family all have pin selectable out-
put voltage programming. The output voltage is selected
by the VPROG pin as follows:
VPROG = 0V
VOUT = 3.3V
VPROG = VIN
VOUT = 5V
VPROG = Open (DC)
VOUT = Adjustable
The LTC1433/LTC1434 family also has remote output
voltage sense capability. The top of the internal resistive
divider is internally connected to VOSENSE. For fixed output
voltage applications, the VOSENSE pin is connected to the
output voltage as shown in Figure 6. When using an
external resistive divider, the VPROG pin is left open DC and
the VOSENSE pin is connected to the feedback resistors as
shown in Figure 7. To prevent stray pickup, a 100pF
capacitor is suggested across R1 located close to the
LTC1433/LTC1434.
R1
R2
OPEN (DC)
1433/34 F07
100pF
VOUT
VPROG
SGND
LTC1433/
LTC1434
VOSENSE
VOUT = 1.19V 1 +
R2
R1
()
Figure 7. LTC1433/LTC1434 Adjustable Applications
VPROG
SGND
LTC1433/
LTC1434
1433/34 F06
COUT
VOUT
GND: VOUT = 3.3V
VIN: VOUT = 5V
+
VOSENSE
Figure 6. LTC1433/LTC1434 Fixed Output Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com