Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1645CS Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1645CS
Description  Dual-Channel Hot Swap Controller/Power Sequencer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1645CS Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1645CS Datasheet HTML 8Page - Linear Technology LTC1645CS Datasheet HTML 9Page - Linear Technology LTC1645CS Datasheet HTML 10Page - Linear Technology LTC1645CS Datasheet HTML 11Page - Linear Technology LTC1645CS Datasheet HTML 12Page - Linear Technology LTC1645CS Datasheet HTML 13Page - Linear Technology LTC1645CS Datasheet HTML 14Page - Linear Technology LTC1645CS Datasheet HTML 15Page - Linear Technology LTC1645CS Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
LTC1645
nearly unlimited current flow. The LTC1645 discharges
the GATE pin in a few microseconds, but during this
discharge time current on the order of 150 amperes flows
from the VCC power supply. This current spike glitches the
power supply, causing VCC to dip (Figure 8a and 8b).
On recovery from overload, some supplies may over-
shoot. Other devices attached to this supply may reset or
malfunction and the overshoot may also damage some
components. An inductor (1
µH to 10µH) in series with the
FET’s source limits the short-circuit di/dt, thereby limiting
the peak current and the supply glitch (Figure 8c and 8d).
Additional power supply bypass capacitance also reduces
the magnitude of the VCC glitch.
Reset
The LTC1645 uses an internal 1.238V bandgap reference,
a precision voltage comparator, and a resistive divider to
monitor the output supply voltage (Figure 9).
Whenever the voltage at the FB pin rises above its reset
threshold (1.238V), the comparator output goes high, and
a timing cycle starts (see Figure 10, time points 1 and 4).
After a complete timing cycle, RESET is released. An
external pull-up is required for the RESET pin to rise to a
logic high.
When the voltage at the FB pin drops below its reset
threshold, the comparator output goes low. After passing
through a glitch filter, RESET is pulled low (time point 2).
If the FB pin rises above the reset threshold for less than
a timing cycle, the RESET output remains low (time
point 3).
APPLICATIO S I FOR ATIO
Glitch Filter
The LTC1645 has a glitch filter to prevent RESET from
generating a spurious system reset in the presence of
transients on the FB pin. The filter is 20
µs for large
transients (greater than 150mV) and up to 80
µs for
smaller transients. The relationship between glitch filter
time and the transient voltage is shown in Typical Perfor-
mance Characteristics: Glitch Filter Time vs Feedback
Transient.
Timer
The system timing for the LTC1645 is generated by the
circuitry shown in Figure 11. The timer is used to set the
turn-on delay after the ON pin goes high. It also sets the
delay before the RESET pin goes high after the FB pin
exceeds 1.238V.
Whenever the timer is off, the internal N-channel shorts
the TIMER pin to ground (Figure 11). Activating the timer
connects a 2
µAcurrentfromVCC1totheTIMERpinandthe
Figure 10. Supply Monitor Waveforms
Figure 9. Supply Monitor Block Diagram
Figure 11. System Timing Block Diagram
–
+
COMP
TIMER
CTIMER
FB
RESET
VOUT
ON
TIMER
µP
10k
1645 F09
RESET
LOGIC
1.238V
REFERENCE
V2
1
1.23V
1.23V
1645 F10
23
4
V1
VOUT
TIMER
RESET
V2
V1
V2
–
+
COMP
TIMER
2
µA
CTIMER
ON
1.23V
SUPPLY
MONITOR
1645 F11
LOGIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com