Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1645CS Datasheet(PDF) 15 Page - Linear Technology

Part # LTC1645CS
Description  Dual-Channel Hot Swap Controller/Power Sequencer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1645CS Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC1645CS Datasheet HTML 11Page - Linear Technology LTC1645CS Datasheet HTML 12Page - Linear Technology LTC1645CS Datasheet HTML 13Page - Linear Technology LTC1645CS Datasheet HTML 14Page - Linear Technology LTC1645CS Datasheet HTML 15Page - Linear Technology LTC1645CS Datasheet HTML 16Page - Linear Technology LTC1645CS Datasheet HTML 17Page - Linear Technology LTC1645CS Datasheet HTML 18Page - Linear Technology LTC1645CS Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15
LTC1645
VIN2
5V/DIV
VIN1
5V/DIV
VOUT2
5V/DIV
VOUT1
5V/DIV
TIMER
2V/DIV
RESET
5V/DIV
Figure 16. Ramping 3.3V and 2.5V Up and Down Together
APPLICATIO S I FOR ATIO
This circuit guarantees that: (1) VOUT1 never exceeds
VOUT2 by more than 1.2V, and (2) VOUT2 is never greater
than VOUT1 by more than 0.4V. On power-up, VOUT1 and
VOUT2 ramp up together. On power-down, the LTC1645
turns off Q1 and Q2 simultaneously. Charge remains
stored on CLOAD1 and CLOAD2 and the output voltages will
vary depending on the loads. D1 and D2 turn on at
≈1V
(
≈0.5V each), ensuring condition 1 is satisfied, while D3
prevents violations of condition 2. Different diodes may be
necessary for different output voltage configurations.
Barring an overvoltage condition at the input(s), the only
time these diodes might conduct current is during a
power-down event, and then only to discharge CLOAD1 or
CLOAD2. In the case of an input overvoltage condition that
causes excess current to flow, the circuit breaker will trip
if the current limit level is set appropriately.
Figure 17 shows an application circuit where VOUT1
ramps up before VOUT2. VOUT1 is initially discharged and
D1 is reverse-biased, thus the voltage at the ON pin is
determined only by VCC1 through the resistor divider R1
and R2. The voltage at the ON pin exceeds 0.8V if VCC1 is
above 4.6V and VOUT1 begins to ramp up after a timing
cycle. As VOUT1 ramps up, D1 becomes forward-biased
and pulls the ON pin above 2V when VOUT1 ≈ 4.5V. This
turns on GATE2 and VOUT2 ramps up. The FB comparator
monitors VOUT2, and the spare comparator monitors
VOUT1 with RHYST creating ≈50mV of hysteresis.
Power Supply Multiplexer
Using back-to-back FETs, the LTC1645 can Hot Swap two
supplies to the same output, automatically selecting the
primary supply if present or the secondary supply if the
primary supply is not available. Referring to Figure 18, a
diode-or circuit provides power to the LTC1645 if either
supply is up. Schottky diodes are used to prevent the
voltage at VCC1 from approaching the undervoltage lock-
out threshold. This application assumes that if a supply is
not present, the supply input is floating.
If only the 3.3V supply is present, the voltage at the COMP+
pin is below the trip point and COMPOUT pulls the base of
Q3 low, allowing the GATE1 pin to ramp up normally. The
voltage at the ON pin exceeds 0.8V if the 3.3V supply is
greater than 3V, ramping up GATE1 and turning on Q1A and
Q1B. The ON pin does not exceed 2V (unless the 3.3V supply
exceeds 7.5V!), keeping GATE2 low and Q2A and Q2B off.
If only the 5V supply is present or if both supplies are
present, the COMP+ pin is above 1.238V and COMPOUT
allows the base of Q3 to be pulled high by R2. This turns
Q3 on, keeping GATE1 low and Q1A and Q1B off. The
voltage at the ON pin is pulled above 2V by R1 and GATE2
turns Q2A and Q2B on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com