Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1645CS Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1645CS
Description  Dual-Channel Hot Swap Controller/Power Sequencer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1645CS Datasheet(HTML) 4 Page - Linear Technology

  LTC1645CS Datasheet HTML 1Page - Linear Technology LTC1645CS Datasheet HTML 2Page - Linear Technology LTC1645CS Datasheet HTML 3Page - Linear Technology LTC1645CS Datasheet HTML 4Page - Linear Technology LTC1645CS Datasheet HTML 5Page - Linear Technology LTC1645CS Datasheet HTML 6Page - Linear Technology LTC1645CS Datasheet HTML 7Page - Linear Technology LTC1645CS Datasheet HTML 8Page - Linear Technology LTC1645CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
LTC1645
GATE Voltage vs Supply Voltage
GATE Voltage vs Temperature
Glitch Filter Time
vs Feedback Transient
RESET, FAULT, COMPOUT Output
Voltage vs Temperature
RESET, FAULT, COMPOUT Output
Voltage vs VCC1
Fast Pull-Down Current vs VCC1
HIGHEST VCC (V)
2
15
20
25
10
1645 G04
10
5
0
4
6
8
311
5
7
9
12
TA = 25°C
TEMPERATURE (
°C)
–40
14.0
14.2
14.6
14.8
15.0
16.0
15.4
0
40
60
1645 G05
14.4
15.6
15.8
15.2
–20
20
80
100
VCC1 = 5V
VCC2 = 3.3V
FEEDBACK TRANSIENT (mV)
0
0
10
30
40
50
100
70
80
160
200
1645 G06
20
80
90
60
40
120
240
280
TA = 25°C
TEMPERATURE (
°C)
–40
0
50
150
200
250
40
60
80
450
1645 G07
100
–20
0
20
100
300
350
400
VCC1 = 5V
SINK CURRENT = 3mA
SINK CURRENT = 1.6mA
VCC1 (V)
2
800
700
600
500
400
300
200
100
0
10
1645 G08
468
12
9
357
11
TA = 25°C
SINK CURRENT = 3mA
SINK CURRENT = 1.6mA
VCC1 (V)
23
5
9
11
14
16
18
10
1645 G09
12
10
13
15
17
11
9
8
4
6
8
7
12
TA = 25°C
VCC2 = 1.5V
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com