Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1645CS Datasheet(PDF) 24 Page - Linear Technology

Part # LTC1645CS
Description  Dual-Channel Hot Swap Controller/Power Sequencer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1645CS Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC1645CS Datasheet HTML 16Page - Linear Technology LTC1645CS Datasheet HTML 17Page - Linear Technology LTC1645CS Datasheet HTML 18Page - Linear Technology LTC1645CS Datasheet HTML 19Page - Linear Technology LTC1645CS Datasheet HTML 20Page - Linear Technology LTC1645CS Datasheet HTML 21Page - Linear Technology LTC1645CS Datasheet HTML 22Page - Linear Technology LTC1645CS Datasheet HTML 23Page - Linear Technology LTC1645CS Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
24
LTC1645
1645f LT/TP 0400 4K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1999
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1421
Hot Swap Controller
Dual Supplies from 3V to 12V, Additionally – 12V
LTC1422
Hot Swap Controller
Single Supply Hot Swap in SO-8 from 3V to 12V
LT1640L/LT1640H
Negative Voltage Hot Swap Controllers
Negative High Voltage Supplies from –10V to – 80V
LT1641
Positive Voltage Hot Swap Controller
Positive High Voltage Supplies From 9V to 80V
LTC1642
Fault Protected Hot Swap Controller
3V to 15V, Overvoltage Protection Up to 33V
LTC1643L/LTC1643L-1/
PCI-Bus Hot Swap Controllers
3.3V, 5V, 12V, –12V Supplies for PCI Bus
LTC1643H
LTC1647
Dual Hot Swap Controller
Dual ON Pins for Supplies from 3V to 15V
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900q FAX:(408)434-0507 q www.linear-tech.com
Q1
1/2 Si4920DY
Q2
1/2 Si4920DY
0.01
Ω*
0.01
Ω*
10
Ω
10
Ω
1.18k
1%
10k
1.37k
1%
0.1
µF
25V
0.33
µF
*WSL1206-01-1% (VISHAY DALE)
CLOAD1
CLOAD2
D1
1N4002
D3
MBR0530T1
D2
1N4002
1
2
3
8
9
6
5
11
7
13
12
14
BOTH CURRENT LIMITS: 5A
10
4
VCC1
ON
FAULT
TIMER
GND
SENSE1
GATE2
GATE1
VCC2
TRIP
POINT:
3V
VIN1
3.3V
VIN2
2.5V
VOUT1
3.3V
2.5A
VOUT2
2.5V
2.5A
µP RESET
LTC1645
(14-LEAD)
COMP+
COMPOUT
FB
SENSE2
1645 F15
RESET
+
+
1.18k
1%
4.99k
1%
10k
1.37k
1%
1.82k
1%
Dual Supply Hot Swap with Tracking Outputs
TYPICAL APPLICATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com