Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1645CS Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1645CS
Description  Dual-Channel Hot Swap Controller/Power Sequencer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1645CS Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1645CS Datasheet HTML 10Page - Linear Technology LTC1645CS Datasheet HTML 11Page - Linear Technology LTC1645CS Datasheet HTML 12Page - Linear Technology LTC1645CS Datasheet HTML 13Page - Linear Technology LTC1645CS Datasheet HTML 14Page - Linear Technology LTC1645CS Datasheet HTML 15Page - Linear Technology LTC1645CS Datasheet HTML 16Page - Linear Technology LTC1645CS Datasheet HTML 17Page - Linear Technology LTC1645CS Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
LTC1645
An external hard reset is initiated at time point 6. The ON
pin is forced below 0.8V but above 0.4V, and the GATE
n
pin voltages start to ramp down. VOUTn also starts to ramp
down, and RESET goes low when VOUT2 drops below the
power-good trip level at time point 7.
Time points 8 to 15 are similar to time points 1 to 7, except
the ON pin’s different voltage thresholds are used to ramp
VOUT1 and VOUT2 separately. At time point 8, the ON pin
goes above 0.8V but below 2V, and one timing cycle later
(time point 9) GATE1 begins to ramp up with VOUT1
following one gate-to-source voltage drop lower. At time
point 10, the ON pin goes above 2V and GATE2 immedi-
ately begins ramping up with VOUT2 following one gate-to-
source voltage drop lower. As soon as VOUT2 reaches its
power-good trip level at time point 11, a timing cycle
starts. At the end of the timing cycle (time point 12),
RESET goes high and the power-up process is complete.
The ON pin is forced below 2V but above 0.8V at time point
13 and the GATE2 pin voltage starts to ramp down. VOUT2
also starts to ramp down and RESET goes low when VOUT2
drops below the power-good trip level at time point 14.
When the ON pin goes below 0.8V but above 0.4V at time
point 15, GATE1 and VOUT1 ramp down.
Time points 16 to 19 show the same power-up sequence
as time points 2 to 5, while time point 20 demonstrates the
GATE
n pins being pulled immediately to ground (instead
of ramping down) by the ON pin going below 0.4V.
Power Supply Tracking and Sequencing Applications
The LTC1645 is able to sequence VOUTn in a number of
ways, including ramping VOUT1 up first and down last;
ramping VOUT1 up first and down first; ramping VOUT1 up
first and VOUT1 and VOUT2 down together; and ramping
VOUT1 and VOUT2 up and down together.
Figure 15 shows an application ramping VOUT1 and VOUT2
up and down together. The ON pin must reach 0.8V to
ramp up VOUT1 and VOUT2. The spare comparator pulls the
ON pin low until VCC2 is above 2.3V, and the ON pin cannot
reach 0.8V before VCC1 is above 3V. Thus, both input
supplies must be within regulation before a timing cycle
can start. At the end of the timing cycle, the output voltages
ramp up together. If either input supply falls out of
regulation, the gates of Q1 and Q2 are pulled low together.
Figure 16 shows an oscilloscope photo of the circuit in
Figure 15.
APPLICATIO S I FOR ATIO
Figure 15. Ramping 3.3V and 2.5V Up and Down Together
Q1
1/2 Si4920DY
Q2
1/2 Si4920DY
0.01
Ω*
0.01
Ω*
10
Ω
10
Ω
1.18k
1%
10k
1.37k
1%
0.1
µF
25V
0.33
µF
*WSL1206-01-1% (VISHAY DALE)
CLOAD1
CLOAD2
D1
1N4002
D3
MBR0530T1
D2
1N4002
1
2
3
8
9
6
5
11
7
13
12
14
BOTH CURRENT LIMITS: 5A
10
4
VCC1
ON
FAULT
TIMER
GND
SENSE1
GATE2
GATE1
VCC2
TRIP
POINT:
3V
VIN1
3.3V
VIN2
2.5V
VOUT1
3.3V
2.5A
VOUT2
2.5V
2.5A
µP RESET
LTC1645
(14-LEAD)
COMP+
COMPOUT
FB
SENSE2
1645 F15
RESET
+
+
1.18k
1%
4.99k
1%
10k
1.37k
1%
1.82k
1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com