Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1645CS Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1645CS
Description  Dual-Channel Hot Swap Controller/Power Sequencer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1645CS Datasheet(HTML) 5 Page - Linear Technology

  LTC1645CS Datasheet HTML 1Page - Linear Technology LTC1645CS Datasheet HTML 2Page - Linear Technology LTC1645CS Datasheet HTML 3Page - Linear Technology LTC1645CS Datasheet HTML 4Page - Linear Technology LTC1645CS Datasheet HTML 5Page - Linear Technology LTC1645CS Datasheet HTML 6Page - Linear Technology LTC1645CS Datasheet HTML 7Page - Linear Technology LTC1645CS Datasheet HTML 8Page - Linear Technology LTC1645CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
LTC1645
VCC2 (Pin 1/Pin 1): Positive Supply Input. VCC2 can range
from 1.2V to 12V for normal operation. ICC2 is typically
0.2mA. An undervoltage lockout circuit disables the
LTC1645 whenever the voltage at VCC2 is less than 1.12V.
SENSE2 (Pin 2/Pin 2): VCC2 Circuit Breaker Set Pin. With
a sense resistor placed in the supply path between VCC2
and SENSE2, the circuit breaker trips when the voltage
across the resistor exceeds 50mV for more than 1.5
µs. If
the circuit breaker trip current is set to twice the normal
operating current, only 25mV is dropped across the sense
resistor during normal operation. To disable the circuit
breaker, short VCC2 and SENSE2 together.
GATE2 (Pin 3/Pin 3): Channel 2 High Side Gate Drive.
Connect to the gate of an external N-channel MOSFET. An
internal charge pump guarantees at least 4.5V of gate
drive. The charge pump is powered by the higher of VCC1
and VCC2. When the ON pin exceeds 2V, GATE2 is turned
on by connecting a 10
µA current source from the charge
pump output to the GATE2 pin and the voltage starts to
ramp up with a slope dv/dt = 10
µA/CGATE2. While the ON
pin is below 2V but above 0.4V, a 40
µA current source
pulls GATE2 toward ground. If the ON pin is below 0.4V,
the circuit breaker trips or the undervoltage lockout circuit
trips, the GATE2 pin is immediately pulled to ground with
a 12mA (typ) current source.
FAULT (Pin 4/NA): Circuit Breaker Fault. FAULT is an
open-drain output that pulls low when the circuit breaker
function trips. The circuit breaker is reset by pulling the ON
pin below 0.4V. An external pull-up is required to generate
a logic high at the FAULT pin. When the ON pin is low,
FAULT will release.
The circuit breaker can be programmed to automatically
reset by connecting the FAULT pin to the ON pin. In this
circuit configuration, if a logic device is driving the ON pin,
use a series resistor between the logic output and the ON
pin to prevent large currents from flowing.
RESET (Pin 5/NA): Open-Drain RESET Output. The RESET
pin is pulled low when the voltage at the FB pin goes below
1.238V or VCC1 is below the undervoltage lockout thresh-
old. The RESET pin goes high one timing cycle after the
voltage at the FB pin goes above the FB pin threshold. The
ON pin must remain above 0.8V during this timing cycle.
An external pull-up is required to generate a logic high at
the RESET pin.
FB (Pin 6/NA): RESET Comparator Input. The FB pin is
used to monitor the output supply voltage with an external
resistive divider. When the voltage on the FB pin is lower
than 1.238V, the RESET pin is pulled low. A glitch filter on
the FB pin prevents fast transients from forcing RESET
low. When the voltage on the FB pin rises above the trip
point, the RESET pin goes high after one timing cycle.
GND (Pin 7/Pin 4): Ground. Connect to a ground plane for
optimum performance.
COMP+ (Pin 8/NA): Spare Comparator Noninverting In-
put. When the voltage on COMP+ is lower than 1.238V,
COMPOUT pulls low.
COMPOUT (Pin 9/NA): Open-Drain Spare Comparator
Output. COMPOUT pulls low when the voltage on COMP+
is below 1.238V or VCC1 is below the undervoltage lockout
threshold. An external pull-up is required to generate a
logic high at the COMPOUT pin.
ON (Pin 10/Pin 5): Analog Control Input. If the ON pin
voltage is below 0.4V, both GATE1 and GATE2 are imme-
diately pulled to ground. While the voltage is between 0.4V
and 0.8V, both GATE1 and GATE2 are each pulled to
ground with a 40
µA current source. While the voltage is
between 0.8V and 2V, the GATE1 pull-up is turned on after
one timing cycle, but GATE2 continues to be pulled to
ground with a 40
µA current source. When the voltage
exceeds 2V, both the GATE1 and GATE2 pull-ups are
turned on one timing cycle after the voltage exceeds 0.8V.
The ON pin is also used to reset the electronic circuit
breaker. If the ON pin is brought below and then above
0.4V following the trip of the circuit breaker, the circuit
breaker resets, and a normal power-up sequence occurs.
TIMER: (Pin 11/NA): System Timing Pin. The TIMER pin
requires an external capacitor to ground to generate a
timing delay. The pin is used to set the delay before the
RESET pin goes high after the output supply voltage is
good as sensed by the FB pin. It is also used to set the delay
between the ON pin exceeding 0.8V and the GATE1 and
GATE2 pins turning on (GATE2 turns on only if the ON pin
exceeds 2V).
(14-Lead Package/8-Lead Package)
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com