Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1645CS Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1645CS
Description  Dual-Channel Hot Swap Controller/Power Sequencer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1645CS Datasheet(HTML) 1 Page - Linear Technology

  LTC1645CS Datasheet HTML 1Page - Linear Technology LTC1645CS Datasheet HTML 2Page - Linear Technology LTC1645CS Datasheet HTML 3Page - Linear Technology LTC1645CS Datasheet HTML 4Page - Linear Technology LTC1645CS Datasheet HTML 5Page - Linear Technology LTC1645CS Datasheet HTML 6Page - Linear Technology LTC1645CS Datasheet HTML 7Page - Linear Technology LTC1645CS Datasheet HTML 8Page - Linear Technology LTC1645CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
LTC1645
Dual-Channel Hot Swap
Controller/Power Sequencer
The LTC
®1645 is a 2-channel Hot SwapTM controller that
allows a board to be safely inserted and removed from a
live backplane. Using external N-channel pass transistors,
the supply voltages can be ramped at a programmable
rate. Two high side switch drivers control the N-channel
gates for supply voltages ranging from 1.2V to 12V. The
two channels can be set to ramp up and down separately,
or they can be programmed to rise and fall simultaneously,
ensuring power supply tracking at the two outputs.
Programmable electronic circuit breakers protect against
shorts at either output. The RESET output can be used to
generate a system reset when a supply voltage falls below
a user-programmed voltage. An additional spare com-
parator is available for monitoring a second supply
voltage.
The LTC1645 is available in the 8- and 14-pin SO packages.
s
Hot Board Insertion
s
Power Supply Sequencing
s
Electronic Circuit Breaker
s
Allows Safe Board Insertion and Removal from a
Live Backplane
s
Programmable Power Supply Sequencing
s
Programmable Electronic Circuit Breaker
s
User-Programmable Supply Voltage Power-Up and
Power-Down Rate
s
High Side Drivers for External N-Channel FETs
s
Controls Supply Voltages from 1.2V to 12V
s
Ensures Proper Power-Up Behavior
s
Undervoltage Lockout
s
Glitch Filter Protects Against Spurious RESET Signals
, LTC and LT are registered trademarks of Linear Technology Corporation.
Hot Swap is a trademark of Linear Technology Corporation.
5V and 3.3V Hot Swap
5V and 3.3V Hot Swap Waveforms
ON
5V/DIV
GATE
n
10V/DIV
VOUT2
5V/DIV
VOUT1
5V/DIV
0.005
Ω*
IRF7413
IRF7413
0.005
Ω*
10
Ω
10
Ω
10k
CLOAD2
CLOAD1
VOUT1
5V
5A
VOUT2
3.3V
5A
6
2
3
4
7
8
5
1
1645 TA01
0.01
µF
25V
0.01
µF
25V
ON
VIN2
VIN1
ON
GND
GND
PLUG-IN CARD
BACKPLANE
SENSE1
VCC2
GATE1
SENSE2 GATE2
LTC1645
(8-LEAD)
+
+
VCC1
*LRF1206-01-R005-J (IRC)
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC1645CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1645 LINER-LTC1645 Datasheet
278Kb / 24P
Dual Supply Hot Swap Controller for Advanced Mezzanine Card
LTC1645 LINER-LTC1645 Datasheet
384Kb / 24P
Dual Ideal Diode and Hot Swap Controller
LTC1645 LINER-LTC1645 Datasheet
341Kb / 24P
Wide Operating Range Dual Hot Swap Controller Fast Response Limits Peak Fault Current
logo
Analog Devices
LTC1645 AD-LTC1645 Datasheet
650Kb / 22P
No RSENSE??Electronic Circuit Breaker
12/21-REV.A
logo
Linear Technology
LTC1645 LINER-LTC1645_15 Datasheet
334Kb / 24P
Dual-Channel Hot Swap Controller/Power Sequencer
More results

Similar Description - LTC1645CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4253 LINER-LTC4253 Datasheet
337Kb / 32P
-48V Hot Swap Controller with Sequencer
logo
Micrel Semiconductor
MIC2584 MICREL-MIC2584 Datasheet
277Kb / 28P
Dual-Channel Hot Swap Controller/Sequencer
MIC2589 MICREL-MIC2589_05 Datasheet
4Mb / 29P
Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
logo
Linear Technology
LTC4253A-ADJ LINER-LTC4253A-ADJ Datasheet
399Kb / 32P
-48V Hot Swap Controller with Sequencer
logo
Micrel Semiconductor
MIC2586 MICREL-MIC2586 Datasheet
601Kb / 17P
Single-Channel, Positive High-Voltage Hot Swap Controller/Sequencer
MIC2589 MICREL-MIC2589_11 Datasheet
4Mb / 29P
Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
MIC2584 MICREL-MIC2584_05 Datasheet
274Kb / 28P
Dual-Channel Hot Swap Controller/Sequencer
logo
Linear Technology
LTC1645 LINER-LTC1645_15 Datasheet
334Kb / 24P
Dual-Channel Hot Swap Controller/Power Sequencer
LTC4253A-ADJ LINER-LTC4253A-ADJ_15 Datasheet
699Kb / 32P
48V Hot Swap Controller with Sequencer
LTC4253B LINER-LTC4253B_15 Datasheet
373Kb / 32P
48V Hot Swap Controller with Sequencer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com