Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78C18 Datasheet(PDF) 47 Page - NEC

Part # UPD78C18
Description  8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78C18 Datasheet(HTML) 47 Page - NEC

Back Button UPD78C18 Datasheet HTML 43Page - NEC UPD78C18 Datasheet HTML 44Page - NEC UPD78C18 Datasheet HTML 45Page - NEC UPD78C18 Datasheet HTML 46Page - NEC UPD78C18 Datasheet HTML 47Page - NEC UPD78C18 Datasheet HTML 48Page - NEC UPD78C18 Datasheet HTML 49Page - NEC UPD78C18 Datasheet HTML 50Page - NEC UPD78C18 Datasheet HTML 51Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 110 page
background image
47
µPD78C17,78C18
(3)
I/O interface mode
When input/output is extended to off-chip or I/O controllers (A/D converter, liquid crystal display
controller, etc.) are connected to this chip, this mode is effective.
In the I/O interface mode, data transfer is performed starting from the most significant bit (MSB) with
8-bit character length fixed, and with no parity bits. Therefore, the serial mode register (SML) should be
set to 0CH and bit 5 (IOE) of the serial mode register (SMH) is set to “1”.
This mode establishes synchronization by controlled SCK (8 cycles of the serial clock) and SCK should
be high except during data transfer.
The transmission operation is enabled by setting (1) bit 2 (TxE) of the serial mode register (SMH).
If data is written by the “MOV TXB, A” instruction, data is transferred to the serial register automati-
cally, and is output from TxD at the falling edge of controlled SCK. The transmit buffer is empty, the
internal interrupt (INTST) is generated.
Data transfer speed in transmission is maximum 500 kbps when an internal clock is used for SCK and
maximum 1 Mbps when an external clock is used (12-MHz operation).
The reception operation is enabled by setting (1) bit 3 (RxE) of the serial mode register (SMH), and
receive data is input to the serial register at the rising edge of controlled SCK. When the serial register
receives 8-bit data, data is transferred from the serial register to the receive buffer and the internal inter-
rupt (INTSR) is generated.
SCK can be selected as an internal clock or external clock by the serial mode register (SMH).
Data transfer speed in reception is maximum 500 kbps when an internal clock is used for SCK and
maximum 660 kbps when an external clock is used for SCK (12-MHz operation). 6 states or more is re-
quired in 8th SCK high-level width.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com