Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78C18 Datasheet(PDF) 23 Page - NEC

Part # UPD78C18
Description  8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78C18 Datasheet(HTML) 23 Page - NEC

Back Button UPD78C18 Datasheet HTML 19Page - NEC UPD78C18 Datasheet HTML 20Page - NEC UPD78C18 Datasheet HTML 21Page - NEC UPD78C18 Datasheet HTML 22Page - NEC UPD78C18 Datasheet HTML 23Page - NEC UPD78C18 Datasheet HTML 24Page - NEC UPD78C18 Datasheet HTML 25Page - NEC UPD78C18 Datasheet HTML 26Page - NEC UPD78C18 Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 110 page
background image
23
µPD78C17,78C18
(b) When specified as input port (MAn = 1)
PA line contents can be loaded into an accumulator by a transfer instruction. They can also be directly
tested bit-wise by an arithmetic or logical operation instruction without the use of an accumulator.
Fig. 2-7 Port A Specified as Input Port
Actual execution of an instruction which manipulates port A is performed in 8-bit units. If a port A read
instruction (MOV A, PA) is executed, the input line contents of the port specified for input and the output
latch contents of the port specified for output are loaded into an accumulator. When a port A write instruc-
tion (MOV PA, A) is executed, data is written to the output latch of both ports specified for input and
output. However, the output latch contents of a bit specified as an input port cannot be loaded to the
accumulator and are not output to an external pin (which functions as input pin), because the output buffer
is off.
•
MODE A register (MA)
8-bit register which specifies port A input/output.
Port A input/output can be specified bit-wise. If the MODE A register corresponding bit is set (1),
this register is input, and if the bit is reset (0), this register is output.
After RESET input or in the hardware STOP mode, all the bits are set, and port A is in the input
mode resulting in the below status.
High-impedance : Without pull-up resistor
High level
: With pull-up resistor
Fig. 2-8 MODE A Register Format
765432
1
0
MA 7
MA 6
MA 5
MA 4
MA 3
MA 2
MA 1
MA 0
0
1
(n = 0 to 7)
Note Only
µPD78C18
PAn = Output
PAn = Input
V DD
Output
Latch
WRP
RDI
Mask OptionNote
PAn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com