Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78C18 Datasheet(PDF) 92 Page - NEC

Part # UPD78C18
Description  8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78C18 Datasheet(HTML) 92 Page - NEC

Back Button UPD78C18 Datasheet HTML 88Page - NEC UPD78C18 Datasheet HTML 89Page - NEC UPD78C18 Datasheet HTML 90Page - NEC UPD78C18 Datasheet HTML 91Page - NEC UPD78C18 Datasheet HTML 92Page - NEC UPD78C18 Datasheet HTML 93Page - NEC UPD78C18 Datasheet HTML 94Page - NEC UPD78C18 Datasheet HTML 95Page - NEC UPD78C18 Datasheet HTML 96Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 110 page
background image
92
µPD78C17,78C18
Serial Operation :
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
MAX.
UNIT
SCK cycle time
tCYK
SCK input
Note1
800
ns
Note2
400
ns
SCK output
1.6
µs
SCK low-level width
tKKL
SCK input
Note1
335
ns
Note2
160
ns
SCK output
700
ns
SCK high-level width
tKKH
SCK input
Note1
335
ns
Note2
160
ns
SCK output
700
ns
RXD setup time (to SCK
↑ )tRXK
Note1
80
ns
RXD hold time (from SCK
↑ )tKRX
Note1
80
ns
TXD delay time from SCK
↓
tKTX
Note1
210
ns
Notes 1. If clock rate is
×1 in asynchronous mode, synchronous mode, or I/O interface mode.
2. If clock rate is
×16 or ×64 in asynchronous mode.
Remark
The numeric values in the table are those when fXX = 15 MHz, CL = 100 pF.
Zero-Cross Characteristics :
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
MAX.
UNIT
Zero-cross detection input
VZX
AC combination
1
1.8
VACP-P
60-Hz sine wave
Zero-cross accuracy
AZX
±135
mV
Zero-cross detection input
fZX
0.05
1
kHz
frequency
Other Operation :
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
MAX.
UNIT
TI high, low-level width
tTIH, tTIL
6tCYC
CI high, low-level width
tCI1H, tCI1L
Event count mode
6
tCYC
tCI2H,tCI2L
Pulse width test mode
48
tCYC
NMI high, low-level width
tNIH, tNIL
10
µs
INT1 high, low-level width
tI1H, tI1L
36
tCYC
INT2 high, low-level width
tI2H, tI2L
36
tCYC
AN7 to AN4, low-level width
tANH, tANL
36
tCYC
RESET high, low-level width
tRSH, tRSL
10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com