Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78C18 Datasheet(PDF) 8 Page - NEC

Part # UPD78C18
Description  8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78C18 Datasheet(HTML) 8 Page - NEC

Back Button UPD78C18 Datasheet HTML 4Page - NEC UPD78C18 Datasheet HTML 5Page - NEC UPD78C18 Datasheet HTML 6Page - NEC UPD78C18 Datasheet HTML 7Page - NEC UPD78C18 Datasheet HTML 8Page - NEC UPD78C18 Datasheet HTML 9Page - NEC UPD78C18 Datasheet HTML 10Page - NEC UPD78C18 Datasheet HTML 11Page - NEC UPD78C18 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 110 page
background image
8
µPD78C17,78C18
X1, X2
(Crystal)
RESET
(Reset)
STOP
(Stop)
VDD
VSS
1.1
LIST OF PIN FUNCTION (2/2)
Function
Pin Name
I/O
Input-output
The
µPD78C18 sets MODE0 pin to “0” (low level), and MODE1 pin to “1” (high level).Note
The
µPD78C17 allows you to set MODE0, MODE1 pins to select 4 K, 16 K, or 63 Kbytes for
the size of the memory which is installed externally.
MODE0
MODE1
External Memory
0
0
4 Kbytes
1
0
16 Kbytes
1
1
63 Kbytes
Also, when each of MODE0 and MODE1 pins is set to “1”Note, it is synchronized to ALE to
output a control signal.
Non-maskable interrupt input pin of the edge trigger (falling edge)
A maskable interrupt input pin of the edge trigger (rising edge). Also, it can be used as a
zero-cross detection pin for AC input.
8 pins of analog input to A/D converter. AN7 to AN4 can be used as edge detection
(falling edge) input.
A common pin serving both as a reference voltage input pin for A/D converter and as a
control pin for A/D converter operation.
Power supply pin for A/D converter.
GND pin for A/D converter.
Crystal connection pins for system clock oscillation. X1 should be input when a clock is
supplied from outside. Inverted clock of X1 should be input to X2.
Low-level active system reset input.
Control signal input pin in hardware STOP mode. The oscillation stops when the low-
level is input.
Positive power supply pin.
GND pin.
MODE0
MODE1
(Mode)
NMI
(Non-Maskable
Interrupt)
Input
INT1
(Interrupt
Request)
AN7 to AN0
(Analog Input)
Input
Input
Input
VAREF
(Reference
Voltage)
AVDD
(Analog VDD)
AVSS
(Analog VSS)
Input
Input
Note
Connect a pull-up resistor. Resistance R should be 4 [k
Ω] ≤ R ≤ 0.4tCYC [kΩ] (tCYC is in nanoseconds).
Remark
The
µPD78C18 can incorporate (mask option) pull-up resistors on to ports A, B, and C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com