Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78C18 Datasheet(PDF) 49 Page - NEC

Part # UPD78C18
Description  8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78C18 Datasheet(HTML) 49 Page - NEC

Back Button UPD78C18 Datasheet HTML 45Page - NEC UPD78C18 Datasheet HTML 46Page - NEC UPD78C18 Datasheet HTML 47Page - NEC UPD78C18 Datasheet HTML 48Page - NEC UPD78C18 Datasheet HTML 49Page - NEC UPD78C18 Datasheet HTML 50Page - NEC UPD78C18 Datasheet HTML 51Page - NEC UPD78C18 Datasheet HTML 52Page - NEC UPD78C18 Datasheet HTML 53Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 110 page
background image
49
µPD78C17,78C18
(4)
Serial mode register (SML, SMH)
These are two 8-bit registers which control the serial interface operation (see Figs. 2-28 and 2-29).
The serial mode low register (SML) bits 0 and 1 (B1, B2) control switchover of the asynchronous mode
and synchronous operation and clock rate in the asynchronous mode, bits 2 and 3 (L1, L2) control charac-
ter length, bit 4 (PEN) controls parity enable, bit 5 (EP) controls odd or even parity, and bits 6 and 7 (S1,
S2) control a number of stop bits.
After RESET input or in the hardware STOP mode, the serial mode low register (SML) is set to 48H.
The serial mode high register (SMH) bits 0 and 1 (SK1, SK2) control whether an internal clock or
external clock is used as the serial clock (SCK), bit 2 (TxE) controls the transmission operation, bit 3 (RxE)
controls the reception operation, bit 4 (SE) controls whether or not the search mode is set in the synchro-
nous mode. Bit 5 (IOE) controls whether the synchronous mode or I/O interface mode is set, and bit 6
(TSK) starts the serial clock when data is received using the internal clock in the I/O interface mode. The
TSK bit is automatically reset (0) after the serial clock starts.
When the serial clock is specified as an internal clock, the SCK value is determined by the following
expressions.
Internal clock (
φ24):
SCK = fXX/24
Internal clock (
φ384):
SCK = fXX/384
Internal clock (TO output):
Timer input clock is
φ12:
SCK = fXX/(24 x C)
Timer input clock is
φ384:
SCK = fXX/(768 x C)
TIMER F/F input is
φ3:
SCK = fXX/6
However, fXX is set in the oscillation frequency, SCK is set in the serial clock, and C is set in the timer
count value.
When TIMER F/F input is
φ3 in case of the internal clock (TO output), the asynchronous mode can only be
used when the clock rate is 16 or 64.
After RESET input or in the hardware STOP mode, the serial mode high register (SMH) is reset to 00H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com