Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78C18 Datasheet(PDF) 1 Page - NEC

Part # UPD78C18
Description  8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78C18 Datasheet(HTML) 1 Page - NEC

  UPD78C18 Datasheet HTML 1Page - NEC UPD78C18 Datasheet HTML 2Page - NEC UPD78C18 Datasheet HTML 3Page - NEC UPD78C18 Datasheet HTML 4Page - NEC UPD78C18 Datasheet HTML 5Page - NEC UPD78C18 Datasheet HTML 6Page - NEC UPD78C18 Datasheet HTML 7Page - NEC UPD78C18 Datasheet HTML 8Page - NEC UPD78C18 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 110 page
background image
©
1995
DATA SHEET
µPD78C17,78C18
The information in this document is subject to change without notice.
The mark 5 shows revised points.
Document No.
IC-2789B
(O.D.No.
IC-8048B)
Date Published
June 1995 P
Printed in Japan
8-BIT SINGLE-CHIP MICROCONTROLLER (WITH A/D CONVERTER)
The
µPD78C18 is an 8-bit CMOS microcontroller which integrates 16-bit ALU, ROM, RAM, an A/D converter, a
multi-function timer/event counter, and a general-purpose serial interface onto a single chip, and whose memory
(ROM/RAM) is externally expandable up to 31 Kbytes. The
µPD78C18 can operate at low power consumption
because of its CMOS architecure and is provided with a standby function that enables data retention with an even
lower power consumption.
The
µPD78C17 is the ROM-less version of the µPD78C18. Its memory (ROM/RAM) is expandable externally up
to 63 Kbytes.
A detailed explanation of the functions is provided in the user's manual listed below. It should be read before
starting design work.
87AD Series
µPD78C18 User's Manual: IEU-1314
FEATURES
• 159 types of instructions: 87AD series instruction set plus multiply/divide and 16-bit operation instructions
• Instruction cycle: 0.8
µs (at 15-MHz operation)
• Internal ROM: 32768 x 8 bits (
µPD78C18 only)
• Internal RAM: 1024 x 8 bits
• Up to 64 Kbytes of memory (ROM/RAM) can be directly addressed.
• High-resolution 8-bit A/D converter: 8 analog inputs
• General-purpose serial interface: Asynchronous, synchronous, I/O interface modes
• Multi-function 16-bit timer/event counter
• Two 8-bit timers
• I/O lines
Input/output ports
: 28 (
µPD78C17), 40 (µPD78C18)
Edge detection inputs : 4
• 11 interrupt functions
External : 3, Internal: 8 (Non-maskable: 1, Maskable: 10)
• Zero-cross detection function: (2 inputs)
• Standby function: HALT mode, hardware/software STOP mode
• Mask option pull-up resistors can be incorporated into Ports A, B, and C. (
µPD78C18 only)
ORDERING INFORMATION
Part Number
Package
µPD78C17CW
64-pin plastic shrink DIP (750 mils)
µPD78C17GF-3BE
64-pin plastic QFP (14 x 20 mm)
µPD78C17GQ-36
64-pin plastic QUIP
µPD78C18CW-xxx
64-pin plastic shrink DIP (750 mils)
µPD78C18GF-xxx-3BE
64-pin plastic QFP (14 x 20 mm)
µPD78C18GQ-xxx-36
64-pin plastic QUIP
1990
MOS INTEGRATED CIRCUIT


Similar Part No. - UPD78C18

ManufacturerPart #DatasheetDescription
logo
NEC
UPD78C18 NEC-UPD78C18 Datasheet
1Mb / 373P
8-BIT SINGLE-CHIP MICROCONTROLLER
More results

Similar Description - UPD78C18

ManufacturerPart #DatasheetDescription
logo
NEC
UPD78C10A NEC-UPD78C10A Datasheet
3Mb / 66P
8-BIT SINGLE-CHIP MICROCOMPUTER WITH A/D CONVERTER
UPD78C14 NEC-UPD78C14 Datasheet
256Kb / 52P
8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
logo
OKI electronic componet...
MSM65524A OKI-MSM65524A Datasheet
202Kb / 27P
8-Bit Microcontroller with A/D Converter
logo
Hynix Semiconductor
GMS81C2020 HYNIX-GMS81C2020 Datasheet
1Mb / 92P
CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112 Datasheet
1Mb / 97P
8-bit Microcontroller with A/D Converter
logo
Microchip Technology
PIC12C671 MICROCHIP-PIC12C671 Datasheet
1Mb / 129P
8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
1999 - 2002
logo
List of Unclassifed Man...
HMS81C2012A ETC1-HMS81C2012A Datasheet
1Mb / 107P
CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
logo
OKI electronic componet...
MSM65522 OKI-MSM65522 Datasheet
183Kb / 22P
8-Bit Microcontroller with A/D Converter
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112_08 Datasheet
988Kb / 97P
8-bit Microcontroller with A/D Converter
T80C5112 ATMEL-T80C5112_00 Datasheet
763Kb / 97P
8-bit Microcontroller with A/D converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com