Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78C18 Datasheet(PDF) 91 Page - NEC

Part # UPD78C18
Description  8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78C18 Datasheet(HTML) 91 Page - NEC

Back Button UPD78C18 Datasheet HTML 87Page - NEC UPD78C18 Datasheet HTML 88Page - NEC UPD78C18 Datasheet HTML 89Page - NEC UPD78C18 Datasheet HTML 90Page - NEC UPD78C18 Datasheet HTML 91Page - NEC UPD78C18 Datasheet HTML 92Page - NEC UPD78C18 Datasheet HTML 93Page - NEC UPD78C18 Datasheet HTML 94Page - NEC UPD78C18 Datasheet HTML 95Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 110 page
background image
91
µPD78C17,78C18
AC CHARACTERISTICS (TA = –40 to +85
°C, VDD = AVDD = +5.0 V ±10 %, VSS = AVSS = 0 V)
Read/write Operation:
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
MAX.
UNIT
X1 input cycle time
tCYC
66
250
ns
Address setup time (to ALE
↓ )tAL
fXX = 15 MHz, CL = 100 pF
30
ns
Address hold time (from ALE
↓ )tLA
35
ns
RD
↓ delay time from address
tAR
100
ns
Address float time from RD
↓
tAFR
CL = 100 pF
20
ns
Data input time from address
tAD
fXX = 15 MHz, CL = 100 pF
250
ns
Data input time from ALE
↓
tLDR
135
ns
Data input time from RD
↓
tRD
120
ns
RD
↓ delay time from ALE ↓
tLR
15
ns
Data hold time (from RD
↑ )tRDH
CL = 100 pF
0
ns
ALE
↑ delay time from RD ↑
tRL
fXX = 15 MHz, CL = 100 pF
80
ns
RD low-level width
tRR
In Data Read
215
ns
fXX = 15 MHz, CL = 100 pF
In OP Code Fetch
415
ns
fXX = 15 MHz, CL = 100 pF
ALE high-level width
tLL
fXX = 15 MHz, CL = 100 pF
90
ns
M1 setup time (to ALE
↓ )tML
fXX = 15 MHz
30
ns
M1 hold time (from ALE
↓ )tLM
35
ns
IO/M setup time (to ALE
↓ )tIL
30
ns
IO/M hold time (from ALE
↓ )tLI
35
ns
WR
↓ delay time from address
tAW
fXX = 15 MHz, CL = 100 pF
100
ns
Data output time from ALE
↓
tLDW
180
ns
Data output time from WR
↓
tWD
CL = 100 pF
100
ns
WR
↓ delay time from ALE ↓
tLW
fXX = 15 MHz, CL = 100 pF
15
ns
Data setup time (to WR
↑ )tDW
165
ns
Data hold time (from WR
↑ )tWDH
60
ns
ALE
↑ delay time from WR ↑
tWL
80
ns
WR low-level width
tWW
215
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com