Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2052 Datasheet(PDF) 19 Page - RF Micro Devices

Part # RF2052
Description  HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2052 Datasheet(HTML) 19 Page - RF Micro Devices

Back Button RF2052 Datasheet HTML 15Page - RF Micro Devices RF2052 Datasheet HTML 16Page - RF Micro Devices RF2052 Datasheet HTML 17Page - RF Micro Devices RF2052 Datasheet HTML 18Page - RF Micro Devices RF2052 Datasheet HTML 19Page - RF Micro Devices RF2052 Datasheet HTML 20Page - RF Micro Devices RF2052 Datasheet HTML 21Page - RF Micro Devices RF2052 Datasheet HTML 22Page - RF Micro Devices RF2052 Datasheet HTML 23Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
19 of 37
RF2052
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Setting Up VCO Coarse Tuning and Loop Filter Calibration
If the user wishes to disable the VCO coarse tune calibration or enable the loop filter calibration then the following program-
ming operation will need to take place.
Two registers need to be written taking 2.6us at maximum clock speed if the course tuning is deactivated or the loop filter cal-
ibration activated. Since it is necessary to program these registers when setting the operating frequency (see next section) this
operation usually carries no overhead.
The coarse tune calibration takes approximately 50us when using a 26MHz reference clock (it will take proportionally longer if
a slower clock is used, and vice versa).
Disable VCO
coarse tune?
Default
Yes
P2_CT_EN
Set to 00
Set calibration
mode
Operating mode set
Enable loop
filter cal?
Default
Yes
Loop filter
calibration
2
3
When setting up the device it is necessary to decide
whether to deactivate the devices' internal VCO
calibration or provide the calibration information
directly. These bits are located in the PLL2x0 register
and are active by default.
It is also necessary to decide whether to activate the
loop filter calibration mode, only necessary when
operating the device over very wide band of
frequencies. These bits are also located in the PLL2x0
register. The default setting assumes an active loop
filter is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com