Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2052 Datasheet(PDF) 29 Page - RF Micro Devices

Part # RF2052
Description  HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2052 Datasheet(HTML) 29 Page - RF Micro Devices

Back Button RF2052 Datasheet HTML 25Page - RF Micro Devices RF2052 Datasheet HTML 26Page - RF Micro Devices RF2052 Datasheet HTML 27Page - RF Micro Devices RF2052 Datasheet HTML 28Page - RF Micro Devices RF2052 Datasheet HTML 29Page - RF Micro Devices RF2052 Datasheet HTML 30Page - RF Micro Devices RF2052 Datasheet HTML 31Page - RF Micro Devices RF2052 Datasheet HTML 32Page - RF Micro Devices RF2052 Datasheet HTML 33Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
29 of 37
RF2052
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
PLL2x2 (12h) - LSB of Fractional Divider Ratio and CT Default
PLL2x3 (13h) - Integer Divider Ratio and VCO Current
#
Bit Name
Default
Function
15
P2_NUM_LSB
0
2
Path 2 VCO divider numerator value, least significant 8 bits.
14
0
13
1
12
0
11
0
7
10
1
91
81
7
P2_CT_DEF
0
7
Path 2 VCO coarse tuning value, used when P2_CT_EN=00
61
51
41
31
E
21
11
00
#
Bit Name
Default
Function
15
P2_N
0
2
Path 2 VCO divider integer value
14
0
13
1
12
0
11
0
3
10
0
91
81
70
0
60
50
40
30
2
2
P2_VCOI
0
Path 1 VCO bias setting: 000=minimum value, 111=maximum value
11
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com