Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2052 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2052
Description  HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2052 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF2052 Datasheet HTML 4Page - RF Micro Devices RF2052 Datasheet HTML 5Page - RF Micro Devices RF2052 Datasheet HTML 6Page - RF Micro Devices RF2052 Datasheet HTML 7Page - RF Micro Devices RF2052 Datasheet HTML 8Page - RF Micro Devices RF2052 Datasheet HTML 9Page - RF Micro Devices RF2052 Datasheet HTML 10Page - RF Micro Devices RF2052 Datasheet HTML 11Page - RF Micro Devices RF2052 Datasheet HTML 12Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
8 of 37
RF2052
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Performance Characteristics: RF Mixer - VDD=3V, TA=25°C unless stated, as measured on RF2052 evaluation board,
for application schematic see page 34.
Mixer Conversion Gain, IF Output=100MHz
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
250
500
750
1000
1250
1500
1750
RF Input Frequency (MHz)
-40°C
+27°C
+85°C
Operating Current versus Temperature and
Supply Voltage
50
55
60
65
70
75
80
001
010
011
100
101
Mixer Bias Current Setting (MIX2_IDD)
-40°C, +2.7V
-40°C, +3.0V
-40°C, +3.6V
+27°C, +2.7V
+27°C, +3.0V
+27°C, +3.6V
+85°C, +2.7V
+85°C, +3.0V
+85°C, +3.6V
Gain versus Temperature and Supply Voltage
(excluding losses in PCB and Baluns)
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
-40
-20
0
2040
6080
100
Temperature (°C)
2.7V
3.0V
3.6V
Mixer Typical RF and LO Leakage at IF Output
-70
-60
-50
-40
-30
-20
-10
0
250
500
750
1000
1250
1500
1750
RF Input Frequency (MHz)
IF Output at 100MHz
RF Leakage
LO Leakage (High Side)
Mixer Typical IF and LO Leakage at RF Input
-80
-70
-60
-50
-40
-30
-20
-10
0
250
500
750
1000
1250
1500
1750
RF Input Frequency (MHz)
100MHz IF Leakage to RF Port
LO Leakage (High Side) to RF
Mixer Typical LO Leakage at IF Output
IF Output=100MHz
-70
-60
-50
-40
-30
-20
-10
0
0
500
1000
1500
2000
2500
RF Input Frequency (MHz)
-40 Deg C
+27 Deg C
+85 Deg C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com