Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2052 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2052
Description  HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2052 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2052 Datasheet HTML 2Page - RF Micro Devices RF2052 Datasheet HTML 3Page - RF Micro Devices RF2052 Datasheet HTML 4Page - RF Micro Devices RF2052 Datasheet HTML 5Page - RF Micro Devices RF2052 Datasheet HTML 6Page - RF Micro Devices RF2052 Datasheet HTML 7Page - RF Micro Devices RF2052 Datasheet HTML 8Page - RF Micro Devices RF2052 Datasheet HTML 9Page - RF Micro Devices RF2052 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
6 of 37
RF2052
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Performance Characteristics: Synthesizer and VCO - VDD=3V, TA=25°C, as measured on RF2052 evaluation board,
for application schematic see page 34. Phase Detector Frequency=26MHz, Loop Bandwidth=60kHz.
VCO3 With Passive Loop Filter
-160
-140
-120
-100
-80
-60
1
10
100
1000
10000
Offset Frequency (kHz)
1200MHz
600MHz
300MHz
VCO2 With Passive Loop Filter
-160
-140
-120
-100
-80
-60
1
10
100
1000
10000
Offset Frequency (kHz)
1600MHz
800MHz
400MHz
VCO1 With Passive Loop Filter
-160
-140
-120
-100
-80
-60
1
10
100
1000
10000
Offset Frequency (kHz)
2000MHz
1000MHz
500MHz
VCO2 With Active Loop Filter
-160
-140
-120
-100
-80
-60
1
10
100
1000
10000
Offset Frequency (kHz)
1600MHz
800MHz
400MHz
VCO3 With Active Loop Filter
-160
-140
-120
-100
-80
-60
1
10
100
1000
10000
Offset Frequency (kHz)
1200MHz
600MHz
300MHz
VCO1 With Active Loop Filter
-160
-140
-120
-100
-80
-60
1
10
100
1000
10000
Offset Frequency (kHz)
2000MHz
1000MHz
500MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com