Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2052 Datasheet(PDF) 30 Page - RF Micro Devices

Part # RF2052
Description  HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2052 Datasheet(HTML) 30 Page - RF Micro Devices

Back Button RF2052 Datasheet HTML 26Page - RF Micro Devices RF2052 Datasheet HTML 27Page - RF Micro Devices RF2052 Datasheet HTML 28Page - RF Micro Devices RF2052 Datasheet HTML 29Page - RF Micro Devices RF2052 Datasheet HTML 30Page - RF Micro Devices RF2052 Datasheet HTML 31Page - RF Micro Devices RF2052 Datasheet HTML 32Page - RF Micro Devices RF2052 Datasheet HTML 33Page - RF Micro Devices RF2052 Datasheet HTML 34Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
30 of 37
RF2052
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
PLL2x4 (14h) - Calibration Settings
PLL2x5 (15h) - More Calibration Settings
#
Bit Name
Default
Function
15
P2_DN
0
1
Path 2 frequency step size used in VCO tuning gain calibration
14
0
13
0
12
1
11
0
7
10
1
91
81
71
E
6
P2_CT_GAIN
1
Path 2 coarse tuning calibration gain
51
40
3
P2_KV_GAIN
0
4
Path 2 VCO tuning gain calibration gain
21
10
00
#
Bit Name
Default
Function
15
P2_N_PHS_ADJ
0
0
Path 2 synthesizer phase adjustment
14
0
13
0
12
0
11
0
0
10
0
90
80
70
1
60
50
4
P2_CT_V
1
Path 2 course tuning voltage setting when performing course tuning calibration. Default
value is 16. Change to 12 when using VCO1 for frequencies above 2.2GHz.
30
0
20
10
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com