Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2052 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2052
Description  HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2052 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2052 Datasheet HTML 1Page - RF Micro Devices RF2052 Datasheet HTML 2Page - RF Micro Devices RF2052 Datasheet HTML 3Page - RF Micro Devices RF2052 Datasheet HTML 4Page - RF Micro Devices RF2052 Datasheet HTML 5Page - RF Micro Devices RF2052 Datasheet HTML 6Page - RF Micro Devices RF2052 Datasheet HTML 7Page - RF Micro Devices RF2052 Datasheet HTML 8Page - RF Micro Devices RF2052 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
5 of 37
RF2052
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Mixer, cont.
IIP3
Low Current Setting
+10
dBm
High Linearity Setting
+18
dBm
Pin1dB
Low Current Setting
+2
dBm
High Linearity Setting
+12
dBm
RF and IF Port Frequency Range
30
2500
MHz
Mixer Input Return Loss
10
dB
100
 differential
Voltage Controlled Oscillator
Open Loop Phase Noise at 1MHz
Offset
2GHz LO Frequency
-130
dBc/Hz
1GHz LO Frequency
-135
dBc/Hz
500MHz LO Frequency
-140
dBc/Hz
Reference Oscillator
Xtal Frequency
10
52
MHz
External Reference Frequency
10
104
MHz
Reference Divider Ratio
1
7
External Reference Input Level
500
800
1500
mVP-P
AC-coupled
Local Oscillator
Synthesizer Output Frequency
300
2400
MHz
Dependant on VCO 3 external inductor. After
LO dividers.
Phase Detector Frequency
52
MHz
Closed Loop Phase-Noise at
10kHz Offset
26MHz phase detector frequency
2GHz LO Frequency
-90
dBc/Hz
1GHz LO Frequency
-95
dBc/Hz
500MHz LO Frequency
-102
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com