Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2052 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2052
Description  HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2052 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2052 Datasheet HTML 1Page - RF Micro Devices RF2052 Datasheet HTML 2Page - RF Micro Devices RF2052 Datasheet HTML 3Page - RF Micro Devices RF2052 Datasheet HTML 4Page - RF Micro Devices RF2052 Datasheet HTML 5Page - RF Micro Devices RF2052 Datasheet HTML 6Page - RF Micro Devices RF2052 Datasheet HTML 7Page - RF Micro Devices RF2052 Datasheet HTML 8Page - RF Micro Devices RF2052 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
3 of 37
RF2052
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Note 1: The signal should be connected to this pin such that DC current cannot flow into or out of the chip, either by using AC
coupling capacitors or by use of a transformer (see evaluation board schematic).
Note 2: DC current needs to flow from ANA_VDD into this pin, either through an RF inductor, or transformer (see evaluation
board schematic).
Note 3: Alternatively an external reference can be AC-coupled to pin 11 XTALIPN, and pin 10 XTALIPP decoupled to ground. This
may make PCB routing simpler.
Pin
Function
Description
1ENBL
Ensure that the ENBL high voltage level is not greater than VDD. An RC low-pass filter could be used to reduce
digital noise.
2INDP
VCO 3 differential inductor. Normally a micro-strip inductor is used to set the VCO 3 frequency range 1200MHz
to 1600MHz.
3INDN
VCO 3 differential inductor. Normally a micro-strip inductor is used to set the VCO 3 frequency range 1200MHz
to 1600MHz.
4REXT
External bandgap bias resistor. Connect a 51k
 resistor from this pin to ground to set the bandgap reference
bias current. This could be a sensitive low frequency noise injection point.
5ANA_DEC
Analog supply decoupling capacitor. Connect to analog supply and decouple as close to the pin as possible.
6LFILT1
Phase detector output. Low-frequency noise-sensitive node.
7LFILT2
Loop filter op-amp output. Low-frequency noise-sensitive node.
8LFILT3
VCO control input. Low-frequency noise-sensitive node.
9MODE
Mode select pin. An RC low-pass filter can be used to reduce digital noise.
10
XTALIPP
Reference crystal / reference oscillator input. Should be AC-coupled if an external reference is used. See note 3.
11
XTALIPN
Reference crystal / reference oscillator input. Should be AC-coupled to ground if an external reference is used.
See note 3.
12
GND
Connect to ground.
13
NC
14
NC
15
NC
16
NC
17
NC
18
NC
19
DIG_VDD
Digital supply. Should be decoupled as close to the pin as possible.
20
NC
21
NC
22
ANA_VDD
Analog supply. Should be decoupled as close to the pin as possible.
23
RFIPN
Differential input. See note 1.
24
RFIPP
Differential input. See note 1.
25
NC
26
NC
27
RFOPN
Differential output. See note 2.
28
RFOPP
Differential output. See note 2.
29
RESETB
Chip reset (active low). Connect to DIG_VDD if external reset is not required.
30
ENX
Serial interface select (active low). An RC low-pass filter could be used to reduce digital noise.
31
SCLK
Serial interface clock. An RC low-pass filter could be used to reduce digital noise.
32
SDATA
Serial interface data. An RC low-pass filter could be used to reduce digital noise.
EP
Exposed pad Connect to ground. This is the ground reference for the circuit. All decoupling should be connected here through
low impedance paths.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com