Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW1012 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RFSW1012
Description  BROADBAND SPDT SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW1012 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RFSW1012 Datasheet HTML 5Page - RF Micro Devices RFSW1012 Datasheet HTML 6Page - RF Micro Devices RFSW1012 Datasheet HTML 7Page - RF Micro Devices RFSW1012 Datasheet HTML 8Page - RF Micro Devices RFSW1012 Datasheet HTML 9Page - RF Micro Devices RFSW1012 Datasheet HTML 10Page - RF Micro Devices RFSW1012 Datasheet HTML 11Page - RF Micro Devices RFSW1012 Datasheet HTML 12Page - RF Micro Devices RFSW1012 Datasheet HTML 13Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11 of 13
RFSW1012
DS140801
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Control Logic for Valid Operational States
Pin Out
State
VDD
CTRL
EN
RF Path
12.7V to 4.6V
V
HIGH
V
HIGH
ANT-RF2
22.7V to 4.6V
V
LOW
V
HIGH
ANT-RF1
Shutdown
2.7V to 4.6V
Don’t Care
V
LOW
Shutdown
Pin Names and Descriptions
Pin
Name
Description
1GND
No-connect internal, recommend GND at the EVB level.
2RFC
Single-ended RF port.
3GND
No-connect internal, recommend GND at the EVB level.
4GND
Ground.
5RF1
Single-ended RF port.
6GND
Ground.
7CTRL
Switch logic control input.
8EN
Shutdown logic control input.
9VDD
Supply voltage.
10
GND
Ground.
11
RF2
Single-ended RF port.
12
GND
Ground.
EPAD
GND
Ground. Must be soldered to EVB GND over one or more vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com