Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW1012 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFSW1012
Description  BROADBAND SPDT SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW1012 Datasheet(HTML) 2 Page - RF Micro Devices

  RFSW1012 Datasheet HTML 1Page - RF Micro Devices RFSW1012 Datasheet HTML 2Page - RF Micro Devices RFSW1012 Datasheet HTML 3Page - RF Micro Devices RFSW1012 Datasheet HTML 4Page - RF Micro Devices RFSW1012 Datasheet HTML 5Page - RF Micro Devices RFSW1012 Datasheet HTML 6Page - RF Micro Devices RFSW1012 Datasheet HTML 7Page - RF Micro Devices RFSW1012 Datasheet HTML 8Page - RF Micro Devices RFSW1012 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2 of 13
RFSW1012
DS140801
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Maximum VDD
6.0
V
Maximum EN
3.0
V
Maximum CTRL
3.0
V
Hot-Switching Max Input
Power (50
 load)
20
dBm
Max Input Power
31dBm: 5MHz to 25MHz, 50
 load
34dBm: 25MHz to 500MHz, 50
 load
37dBm: >500MHz, 50
 load
36dBm: >500MHz, 6:1 VSWR
dBm
Operating Temperature
(TCASE)
-40 to +85
°C
Storage Temperature
-40 to +150
°C
ESD Rating (HBM)
Class 2
Moisture Sensitivity Level
MSL-2
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
50
 Performance Using
SW1012-411(A) EVB
Nominal Test Conditions Unless Otherwise Stated:
VDD = 3V, T = 25°C, All RF ports terminated in 50
Operational Frequency Range
5
6000
MHz
Insertion Loss (RFC to RF1/RF2)
0.25
0.40
dB
915MHz
0.30
0.45
dB
1980MHz
0.40
dB
2650MHz
0.75
dB
5850MHz
Isolation (RFC to RF1/RF2)
38
45
dB
915MHz
33
37
dB
1980MHz
29
33
dB
2650MHz
21
dB
5850MHz
Isolation (RF1 to RF2)
37
42
dB
915MHz
31
35
dB
1980MHz
28
32
dB
2650MHz
21
dB
5850MHz
Return Loss (On-State)
>15
dB
5MHz to 6GHz
Input IP3
75
dBm
2.2GHz, 24dBm per tone, 1MHz spacing
Input IP2
129
dBm
Tone 1: 836.5MHz at +26dBm; Tone 2: 1718MHz at
-20dBm; Rx Freq: 881.5MHz
129
dBm
Tone 1: 1880MHz at +26dBm; Tone 2: 3840MHz at
-20dBm; Rx Freq: 1960MHz
Spurious Output
<-105
dBm
Freq >5MHz, all ports terminated, no RF Inputs
<-100
dBm
Freq <5MHz, all ports terminated, no RF Inputs
900MHz Second Harmonic
-95
-75
dBc
PIN = 35dBm
900MHz Third Harmonic
-90
-75
dBc
1800MHz Second Harmonic
-95
-75
dBc
PIN = 33dBm
1800MHz Third Harmonic
-90
-75
dBc
Max Operational Input Power
30
dBm
5MHz to 25MHz, 50
 load
33
dBm
25MHz to 500MHz, 50
 load
36
dBm
>500MHz, 50
 load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com