Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW1012 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFSW1012
Description  BROADBAND SPDT SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW1012 Datasheet(HTML) 5 Page - RF Micro Devices

  RFSW1012 Datasheet HTML 1Page - RF Micro Devices RFSW1012 Datasheet HTML 2Page - RF Micro Devices RFSW1012 Datasheet HTML 3Page - RF Micro Devices RFSW1012 Datasheet HTML 4Page - RF Micro Devices RFSW1012 Datasheet HTML 5Page - RF Micro Devices RFSW1012 Datasheet HTML 6Page - RF Micro Devices RFSW1012 Datasheet HTML 7Page - RF Micro Devices RFSW1012 Datasheet HTML 8Page - RF Micro Devices RFSW1012 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5 of 13
RFSW1012
DS140801
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance: 50
 Evaluation Board
-2
-1.8
-1.6
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
012345
6
Frequency (GHz)
Insertion Loss versus Frequency
RFC-RF1
RFC-RF2
-2
-1.8
-1.6
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
012345
6
Frequency (GHz)
Insertion Loss over Temperature (RFC-RF1)
25°C
-40°C
85°C
-30
-25
-20
-15
-10
-5
0
012345
6
Frequency (GHz)
Return Loss versus Frequency (On-State)
RFC
RF1
RF2
-30
-25
-20
-15
-10
-5
0
0123456
Frequency (GHz)
Return Loss over Temperature (RFC)
25°C
-40°C
85°C
-70
-60
-50
-40
-30
-20
-10
0
012345
6
Frequency (GHz)
Isolation versus Frequency
RFC-RF1
RFC-RF2
RF1-RF2
-70
-60
-50
-40
-30
-20
-10
0
012345
6
Frequency (GHz)
Isolation over Temperature (RFC-RF1)
25°C
-40°C
85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com