Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW1012 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFSW1012
Description  BROADBAND SPDT SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW1012 Datasheet(HTML) 3 Page - RF Micro Devices

  RFSW1012 Datasheet HTML 1Page - RF Micro Devices RFSW1012 Datasheet HTML 2Page - RF Micro Devices RFSW1012 Datasheet HTML 3Page - RF Micro Devices RFSW1012 Datasheet HTML 4Page - RF Micro Devices RFSW1012 Datasheet HTML 5Page - RF Micro Devices RFSW1012 Datasheet HTML 6Page - RF Micro Devices RFSW1012 Datasheet HTML 7Page - RF Micro Devices RFSW1012 Datasheet HTML 8Page - RF Micro Devices RFSW1012 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3 of 13
RFSW1012
DS140801
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
75
 Performance Using
SW1012-410(A) EVB
Nominal Test Conditions Unless Otherwise Stated:
VDD = 3V, T = 25°C, All RF ports terminated in 75
Operational Frequency Range
5
2500
MHz
Insertion Loss (RFC to RF1/RF2)
0.15
dB
5MHz
0.20
dB
200MHz
0.30
0.45
dB
915MHz
0.35
0.50
dB
1980MHz
0.40
2200MHz
Isolation (RFC to RF1/RF2)
70
dB
5MHz
50
dB
200MHz
36
dB
915MHz
28
dB
1980MHz
26
dB
2200MHz
Isolation (RF1 to RF2)
>70
dB
5MHz
>70
dB
200MHz
48
dB
915MHz
34
dB
1980MHz
32
dB
2200MHz
Return Loss (On-State)
>15
dB
Freq <1200MHz
>13
dB
1200MHz < Freq < 2500MHz
CSO
>100
dBc
41dBmV/ch, 137 channels)
CTB
>100
dBc
XMOD
>90
dBc
Max Operational Input Power
30
dBm
5MHz to 25MHz, 75
 load
33
dBm
25MHz to 500MHz, 75
 load
36
dBm
>500MHz, 75
 load
Power Supply
Device Voltage, VDD
2.7
3
4.6
V
Leakage Current, IDD
100
200
AEN = High
14
20
AEN = Low
Control Voltage (EN, CTRL)
1.3
1.8
2.7
V
00.45
V
Control Current
2.5
5
A
CTRL = High, EN = High
13
A
CTRL = Low, EN = High
Switching Speed (TON, TOFF)2
5
s
50% Control to 10/90% RF
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com