Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW1012 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFSW1012
Description  BROADBAND SPDT SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW1012 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RFSW1012 Datasheet HTML 2Page - RF Micro Devices RFSW1012 Datasheet HTML 3Page - RF Micro Devices RFSW1012 Datasheet HTML 4Page - RF Micro Devices RFSW1012 Datasheet HTML 5Page - RF Micro Devices RFSW1012 Datasheet HTML 6Page - RF Micro Devices RFSW1012 Datasheet HTML 7Page - RF Micro Devices RFSW1012 Datasheet HTML 8Page - RF Micro Devices RFSW1012 Datasheet HTML 9Page - RF Micro Devices RFSW1012 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6 of 13
RFSW1012
DS140801
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance: 50
 Evaluation Board
60
62
64
66
68
70
72
74
76
78
80
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
Frequency (GHz)
IP3 versus Frequency
(24dBm Tones, 1MHz Spacing)
RF1
RF2
IP3 data is limited by the dynamic
range of the test system.
60
62
64
66
68
70
72
74
76
78
80
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
Frequency (GHz)
IP3 over Temperature
(24dBm Tones, 1MHz Spacing)
25°C
-40°C
85°C
IP3 data is limited by the dynamic
range of the test system.
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
15
18
21
24
27
30
33
36
39
42
45
Input Power (dBm)
Insertion Loss versus Frequency
and Power, 25°C
5MHz
25MHz
500MHz
880MHz
2200MHz
2500MHz
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
15
18
21
24
27
30
33
36
39
42
45
Input Power (dBm)
Insertion Loss versus Power over
Temperature, 2500MHz
25°C
-40°C
85°C
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
-1.0
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0123456
Frequency (GHz)
EVB THRU Performance, 25°C
IL
RL
This THRU insertion loss has been deembedded
from the SW1012 plots and tabular data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com