Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW1012 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFSW1012
Description  BROADBAND SPDT SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW1012 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RFSW1012 Datasheet HTML 5Page - RF Micro Devices RFSW1012 Datasheet HTML 6Page - RF Micro Devices RFSW1012 Datasheet HTML 7Page - RF Micro Devices RFSW1012 Datasheet HTML 8Page - RF Micro Devices RFSW1012 Datasheet HTML 9Page - RF Micro Devices RFSW1012 Datasheet HTML 10Page - RF Micro Devices RFSW1012 Datasheet HTML 11Page - RF Micro Devices RFSW1012 Datasheet HTML 12Page - RF Micro Devices RFSW1012 Datasheet HTML 13Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9 of 13
RFSW1012
DS140801
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Schematic
Evaluation Board Bill of Materials (BOM)
Description
Reference
Designator
Manufacturer
Manufacturer’s P/N
50Ω PCB, SW1012-411
SW1012-411(A)
CAP, 10000pF, 10%, 25V, X7R, 0402
C1
Murata Electronics
GRM155R71E103KA01D
CAP, 100pF, 5%, 50V, C0G, 0402
C2-C3
Taiyo Yuden (USA), Inc.
RM UMK105CG101JV-F
CONN, SMA, END LNCH, MINI, FLT, 0.068"
J1-J3
Emerson Network Power
142-0741-851
CONN, HDR, ST, PLRZD, 5-PIN, 0.100"
P1
ITW Pancon
MPSS100-5-C
SPDT MMIC Switch
U1
RFMD
For 75Ω applications use the following PCB and RF connector:
75Ω PCB, SW1012-410
SW1012-410(A)
CONN, F, FEM EDGE MOUNT, 75Ω, 0.068"
J1- J3
Millimeter Wave Technologies
MW-846-C-DD-75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com