Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW1012 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFSW1012
Description  BROADBAND SPDT SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW1012 Datasheet(HTML) 1 Page - RF Micro Devices

  RFSW1012 Datasheet HTML 1Page - RF Micro Devices RFSW1012 Datasheet HTML 2Page - RF Micro Devices RFSW1012 Datasheet HTML 3Page - RF Micro Devices RFSW1012 Datasheet HTML 4Page - RF Micro Devices RFSW1012 Datasheet HTML 5Page - RF Micro Devices RFSW1012 Datasheet HTML 6Page - RF Micro Devices RFSW1012 Datasheet HTML 7Page - RF Micro Devices RFSW1012 Datasheet HTML 8Page - RF Micro Devices RFSW1012 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1 of 13
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
SOI
1
2
3
9
8
7
12
11
10
4
5
6
VDD
CTRL
GND
GND
EN
RFC
RFSW1012
BROADBAND SPDT SWITCH
The RFSW1012 is a single-pole double-throw (SPDT) switch designed for applica-
tions requiring very low insertion loss and high power handling capability. The excel-
lent linearity performance of the RFSW1012 makes it ideal for use in Cellular BTS
applications. This switch is ideally suited for use in CATV and SATV applications. The
RFSW1012 is packaged in a compact 2mm x 2mm x 0.55mm, 12-pin, QFN pack-
age.
Features
5MHz to 6000MHz Operation
50
 or 75 Applications
Low Insertion Loss: 0.30dB at
1980MHz
High Isolation: 37dB at 2GHz
High IP3: >75dBm at 2GHz
Compatible with Low Voltage
Logic (VHIGH Minimum = 1.3V)
No External DC Blocking
Capacitors Required on RF Paths
Unless DC is Applied Externally
2000V HBM ESD Rating on All
Ports
CTB/CSO: >100dBc
(41dBmV/ch., 137 Channels)
Applications
Cellular BTS
CATV, SATV Applications
Post PA Switching
General Purpose Switching
Applications
DS140801
Package: QFN, 12-Pin, 2mm x 2mm x 0.55mm
RFSW1012
Broadband
SPDT Switch
RFSW1012SQ
25-Piece sample bag
RFSW1012SR
7" Sample reel with 100 pieces
RFSW1012TR7
7" Reel with 2500 pieces
RFSW1012PCK-411
50
 PCBA with 5-piece sample bag
RFSW1012PCK-410
75
 PCBA with 5-piece sample bag


Similar Part No. - RFSW1012

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFSW1012 QORVO-RFSW1012 Datasheet
1Mb / 11P
Broadband SPDT Switch
November 14, 2018
RFSW1012PCK-410 QORVO-RFSW1012PCK-410 Datasheet
1Mb / 11P
Broadband SPDT Switch
November 14, 2018
RFSW1012PCK-411 QORVO-RFSW1012PCK-411 Datasheet
1Mb / 11P
Broadband SPDT Switch
November 14, 2018
RFSW1012TR7 QORVO-RFSW1012TR7 Datasheet
1Mb / 11P
Broadband SPDT Switch
November 14, 2018
More results

Similar Description - RFSW1012

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASWSS0070_V5 MA-COM-MASWSS0070_V5 Datasheet
126Kb / 5P
GaAs Broadband SPDT Switch
MASW-007107 MA-COM-MASW-007107 Datasheet
157Kb / 4P
GaAs Broadband SPDT Switch
MASW-007588 MA-COM-MASW-007588 Datasheet
73Kb / 3P
GaAs Broadband SPDT Switch
MASWSS0093 MA-COM-MASWSS0093_15 Datasheet
82Kb / 3P
GaAs Broadband SPDT Switch
logo
RF Micro Devices
RF1602 RFMD-RF1602 Datasheet
601Kb / 8P
Broadband SPDT Switch
RF1602L RFMD-RF1602L Datasheet
645Kb / 8P
Broadband SPDT Switch
logo
M/A-COM Technology Solu...
MASW-007588 MA-COM-MASW-007588_15 Datasheet
550Kb / 4P
GaAs Broadband SPDT Switch
MASW-007107 MA-COM-MASW-007107_15 Datasheet
718Kb / 6P
GaAs Broadband SPDT Switch
MASWSS0202 MA-COM-MASWSS0202_15 Datasheet
664Kb / 5P
GaAs Broadband SPDT Switch
logo
California Eastern Labs
CG2163X3 CEL-CG2163X3_17 Datasheet
617Kb / 8P
Broadband SPDT RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com