Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGS4607DPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRGS4607DPBF
Description  Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS4607DPBF Datasheet(HTML) 2 Page - International Rectifier

  IRGS4607DPBF Datasheet HTML 1Page - International Rectifier IRGS4607DPBF Datasheet HTML 2Page - International Rectifier IRGS4607DPBF Datasheet HTML 3Page - International Rectifier IRGS4607DPBF Datasheet HTML 4Page - International Rectifier IRGS4607DPBF Datasheet HTML 5Page - International Rectifier IRGS4607DPBF Datasheet HTML 6Page - International Rectifier IRGS4607DPBF Datasheet HTML 7Page - International Rectifier IRGS4607DPBF Datasheet HTML 8Page - International Rectifier IRGS4607DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
 
IRGR/S/B4607DPbF
2
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
November 14, 2014
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
600
—
—
V
VGE = 0V, IC = 100µA 
V(BR)CES/TJ Temperature Coeff. of Breakdown Voltage
—
0.52
—
V/°C VGE = 0V, IC = 100µA (25°C-175°C)
VCE(on)
Collector-to-Emitter Saturation Voltage
—
1.75
2.05
IC = 4.0A, VGE = 15V, TJ = 25°C
—
2.15
—
V
IC = 4.0A, VGE = 15V, TJ = 150°C
—
2.20
—
 
IC = 4.0A, VGE = 15V, TJ = 175°C
VGE(th)
Gate Threshold Voltage
4.0
—
6.5
V
VCE = VGE, IC = 100µA
VGE(th)/TJ
Threshold Voltage Temperature Coeff.
—
-19
—
mV/°C VCE = VGE, IC =100µA (25°C-175°C)
gfe
Forward Transconductance
—
2.2
—
S
VCE = 50V, IC = 4.0A, PW = 20µs
ICES
Collector-to-Emitter Leakage Current
—
0.50
25
µA
VGE = 0V, VCE = 600V
—
100
—
 
VGE = 0V, VCE = 600V, TJ = 175°C
IGES
Gate-to-Emitter Leakage Current
—
—
±100
nA
VGE = ±20V
VF  
Diode Forward Voltage Drop  
—
1.7
2.3
V
IF = 4.0A
—
1.5
—
IF = 4.0A, TJ = 175°C
Thermal Resistance
Parameter
Min.
Typ.
Max.
Units
RJC (IGBT)
Thermal Resistance, Junction-to-Case (IGBT) 
–––
–––
2.6
RJC (Diode) Thermal Resistance, Junction-to-Case (Diode) 
–––
–––
8.3
 
RCS
Thermal Resistance, Case-to-Sink (flat, greased surface) (TO-220)
–––
0.50
–––
°C/W
RJA
Thermal Resistance, Junction-to-Ambient (PCB Mount) (D-Pak) 
–––
–––
50
Thermal Resistance, Junction-to-Ambient (PCB Mount) (D2-Pak) 
–––
–––
40
 
Thermal Resistance, Junction-to-Ambient (Socket Mount) (TO-220)
–––
–––
62
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com