Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGS4607DPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRGS4607DPBF
Description  Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS4607DPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRGS4607DPBF Datasheet HTML 2Page - International Rectifier IRGS4607DPBF Datasheet HTML 3Page - International Rectifier IRGS4607DPBF Datasheet HTML 4Page - International Rectifier IRGS4607DPBF Datasheet HTML 5Page - International Rectifier IRGS4607DPBF Datasheet HTML 6Page - International Rectifier IRGS4607DPBF Datasheet HTML 7Page - International Rectifier IRGS4607DPBF Datasheet HTML 8Page - International Rectifier IRGS4607DPBF Datasheet HTML 9Page - International Rectifier IRGS4607DPBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
 
IRGR/S/B4607DPbF
6
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
November 14, 2014
0
20
40
60
80
100
RG ()
1
10
100
tR
tdOFF
tF
tdON
Fig. 15 - Typ. Switching Time vs. IC
TJ = 175°C; VCE = 400V, RG = 100; VGE = 15V
Fig. 16 - Typ. Energy Loss vs. RG
TJ = 175°C; VCE = 400V, ICE = 4.0A; VGE = 15V
Fig. 17 - Typ. Switching Time vs. RG
TJ = 175°C; VCE = 400V, ICE = 4.0A; VGE = 15V
0
2040
6080
100
Rg ()
0
50
100
150
200
250
EOFF
EON
Fig. 14 - Typ. Energy Loss vs. IC
TJ = 175°C; VCE = 400V, RG = 100; VGE = 15V
510
15
20
VGE (V)
0
1
2
3
4
5
6
ICE= 8.0A
ICE= 4.0A
ICE= 2.0A
2345
6
78
IC (A)
0
100
200
300
400
500
600
EOFF
EON
Fig. 12 - Typical VCE vs. VGE
TJ = 175°C
4
6
8
10
1214
1618
VGE (V)
0
4
8
12
16
TJ = 25°C
TJ = 175°C
2
3
4
5
6
7
8
9
IC (A)
10
100
1000
tR
tdOFF
tF
tdON
Fig. 13 - Typ. Transfer Characteristics
VCE = 50V; tp = 20µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com