Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGS4607DPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRGS4607DPBF
Description  Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS4607DPBF Datasheet(HTML) 1 Page - International Rectifier

  IRGS4607DPBF Datasheet HTML 1Page - International Rectifier IRGS4607DPBF Datasheet HTML 2Page - International Rectifier IRGS4607DPBF Datasheet HTML 3Page - International Rectifier IRGS4607DPBF Datasheet HTML 4Page - International Rectifier IRGS4607DPBF Datasheet HTML 5Page - International Rectifier IRGS4607DPBF Datasheet HTML 6Page - International Rectifier IRGS4607DPBF Datasheet HTML 7Page - International Rectifier IRGS4607DPBF Datasheet HTML 8Page - International Rectifier IRGS4607DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
 
IRGR4607DPbF
IRGS4607DPbF
IRGB4607DPbF
1
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
November 14, 2014
Absolute Maximum Ratings
Parameter
Max.
Units
VCES
Collector-to-Emitter Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current
11
A
IC @ TC = 100°C
Continuous Collector Current
7.0
ICM
Pulse Collector Current, VGE = 15V
12
ILM
Clamped Inductive Load Current, VGE = 20V 
16
IF @ TC = 25°C
Diode Continuous Forward Current
8.0
IF @ TC = 100°C
Diode Continuous Forward Current
5.0
IFM
Diode Maximum Forward Current 
16
Continuous Gate-to-Emitter Voltage
±20
V
Transient Gate-to-Emitter Voltage
±30
PD @ TC = 25°C
Maximum Power Dissipation
58
W
PD @ TC = 100°C
Maximum Power Dissipation
29
TJ
Operating Junction and
-40 to +175
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 sec. (1.6mm) from case)
300 (0.063 in.
Mounting Torque, 6-32 or M3 Screw
10 lbf·in (1.1 N·m)
VGE
VCES = 600V
IC = 7.0A, TC =100°C
tSC 5µs, TJ(max) = 175°C
VCE(ON) typ. = 1.75V @ IC = 4.0A
Applications
• Industrial Motor Drive
• UPS
• Solar Inverters
• Welding
G
C
E
Gate
Collector
Emitter
 
Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
 
E
G
n-channel
C
C
E
G
C
IRGS4607DPbF
D2Pak
C
E
G
C
IRGB4607DPbF
TO-220AB
G
E
C
IRGR4607DPbF
D-Pak
Base part number
Package Type
Standard Pack
Orderable Part Number
Form
Quantity
IRGR4607DPbF
D-Pak
Tube
75
IRGR4607DPbF
Tape and Reel
2000
IRGR4607DTRPbF
Tape and Reel Left
3000
IRGR4607DTRLPbF
Tape and Reel Right
3000
IRGR4607DTRRPbF
IRGS4607DPbF
Tube
50
IRGS4607DPBF
Tape and Reel Right
800
IRGS4607DTRRPbF
Tape and Reel Left
800
IRGS4607DTRLPbF
IRGB4607DPbF
TO-220AB
Tube
50
IRGB4607DPbF
D2Pak
Features
Benefits
Low VCE(ON) and Switching Losses
High Efficiency in a Wide Range of Applications
5µs Short Circuit SOA
Square RBSOA
Maximum Junction Temperature 175°C
Increased Reliability
Positive VCE (ON) Temperature Coefficient
Excellent Current Sharing in Parallel Operation
Rugged Transient Performance
 


Similar Part No. - IRGS4607DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGS4610DPBF IRF-IRGS4610DPBF Datasheet
408Kb / 15P
Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
IRGS4610DPBF IRF-IRGS4610DPBF Datasheet
411Kb / 16P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGS4610DPBF IRF-IRGS4610DPBF_15 Datasheet
411Kb / 16P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGS4610DTRLPBF IRF-IRGS4610DTRLPBF Datasheet
408Kb / 15P
Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
IRGS4610DTRRPBF IRF-IRGS4610DTRRPBF Datasheet
408Kb / 15P
Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
More results

Similar Description - IRGS4607DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC10SDPBF IRF-IRG4BC10SDPBF Datasheet
267Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4IBC20KDPBF IRF-IRG4IBC20KDPBF Datasheet
278Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH30KDPBF IRF-IRG4PH30KDPBF Datasheet
468Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB10B60KD1P IRF-IRGIB10B60KD1P Datasheet
452Kb / 13P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2PBF IRF-IRGR3B60KD2PBF Datasheet
317Kb / 14P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40UDPBF IRF-IRG4PC40UDPBF Datasheet
3Mb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PSH71UDPBF IRF-IRG4PSH71UDPBF Datasheet
239Kb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com