Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGS4607DPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRGS4607DPBF
Description  Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS4607DPBF Datasheet(HTML) 3 Page - International Rectifier

  IRGS4607DPBF Datasheet HTML 1Page - International Rectifier IRGS4607DPBF Datasheet HTML 2Page - International Rectifier IRGS4607DPBF Datasheet HTML 3Page - International Rectifier IRGS4607DPBF Datasheet HTML 4Page - International Rectifier IRGS4607DPBF Datasheet HTML 5Page - International Rectifier IRGS4607DPBF Datasheet HTML 6Page - International Rectifier IRGS4607DPBF Datasheet HTML 7Page - International Rectifier IRGS4607DPBF Datasheet HTML 8Page - International Rectifier IRGS4607DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
 
IRGR/S/B4607DPbF
3
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
November 14, 2014
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max
Units
Conditions
Qg
Total Gate Charge
—
9.0
—
nC
IC = 4.0A
Qge
Gate-to-Emitter Charge
—
3.0
—
VGE = 15V
Qgc
Gate-to-Collector Charge
—
4.0
—
VCC = 300V
Eon
Turn-On Switching Loss
—
140
—
µJ   IC = 4.0A, VCC = 400V, VGE = 15V
RG = 100, TJ = 25°C
Energy losses include tail & diode
reverse recovery 
Eoff
Turn-Off Switching Loss
—
62
—
Etotal
Total Switching Loss
—
202
—
td(on)
Turn-On delay time
—
27
—
ns 
tr
Rise time
—
15
—
td(off)
Turn-Off delay time
—
120
—
tf
Fall time
—
10
—
Eon
Turn-On Switching Loss
—
220
—
µJ 
IC = 4.0A, VCC = 400V, VGE = 15V
RG = 100, TJ = 175°C
Energy losses include tail & diode
reverse recovery  
Eoff
Turn-Off Switching Loss
—
92
—
Etotal
Total Switching Loss
—
312
—
td(on)
Turn-On delay time
—
24
—
ns
tr
Rise time
—
27
—
td(off)
Turn-Off delay time
—
81
—
tf
Fall time
—
14
—
Cies
Input Capacitance
—
250
—
VGE = 0V
Coes
Output Capacitance
—
20
—
pF
VCC = 30V
Cres
Reverse Transfer Capacitance
—
7.1
—
f = 1.0Mhz
RBSOA
Reverse Bias Safe Operating Area
TJ = 175°C, IC = 16A
FULL SQUARE
VCC = 480V, Vp ≤ 600V
VGE = +20V to 0V
SCSOA  
Short Circuit Safe Operating Area  
5 
—  
—  
µs  
VCC = 400V, Vp ≤ 600V
VGE = +15V to 0V
Erec
Reverse Recovery Energy of the Diode
—
7.4
—
µJ
TJ = 175°C
trr
Diode Reverse Recovery Time
—
48
—
ns
VCC = 400V, IF = 4.0A
Irr
Peak Reverse Recovery Current
—
5.1
—
A
VGE = 15V, Rg = 100
Notes:
VCC = 80% (VCES), VGE = 20V.
Ris measured at TJ of approximately 90°C.
Refer to AN-1086 for guidelines for measuring V(BR)CES safely.
Pulse width limited by max. junction temperature.
Values influenced by parasitic L and C in measurement.

When mounted on 1" square PCB (FR-4 or G-10 Material). For recommended footprint and soldering techniques
refer to application note #AN-994: http://www.irf.com/technical-info/appnotes/an-994.pdf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com