Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGS4607DPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRGS4607DPBF
Description  Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS4607DPBF Datasheet(HTML) 4 Page - International Rectifier

  IRGS4607DPBF Datasheet HTML 1Page - International Rectifier IRGS4607DPBF Datasheet HTML 2Page - International Rectifier IRGS4607DPBF Datasheet HTML 3Page - International Rectifier IRGS4607DPBF Datasheet HTML 4Page - International Rectifier IRGS4607DPBF Datasheet HTML 5Page - International Rectifier IRGS4607DPBF Datasheet HTML 6Page - International Rectifier IRGS4607DPBF Datasheet HTML 7Page - International Rectifier IRGS4607DPBF Datasheet HTML 8Page - International Rectifier IRGS4607DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
 
IRGR/S/B4607DPbF
4
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
November 14, 2014
10
100
1000
VCE(V)
1
10
100
Fig. 5 - Reverse Bias SOA
T
J
= 175°C; VGE = 20V
1
10
100
VCE (V)
0.01
0.1
1
10
10µsec
100µsec
Tc = 25°C
Tj = 175°C
Single Pulse
DC
1msec
Fig. 4 - Forward SOA
TC = 25°C; TJ ≤ 175°C; VGE = 15V
25
50
75
100
125
150
175
TC (°C)
0
2
4
6
8
10
12
Fig. 2 - Maximum DC Collector Current vs.
Case Temperature
25
50
75
100
125
150
175
TC (°C)
0
10
20
30
40
50
60
70
Fig. 1 - Typical Load Current vs. Frequency
(Load Current = IRMS of fundamental)
Fig. 3 - Power Dissipation vs.
Case Temperature
0.1
1
10
100
f , Frequency ( kHz )
0
2
4
6
8
10
12
14
For both:
Duty cycle : 50%
Tj = 175°C
Tcase = 100°C
Gate drive as specified
Power Dissipation = 29W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com